Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 3 Page - Texas Instruments

  LP3879 Datasheet HTML 1Page - Texas Instruments LP3879 Datasheet HTML 2Page - Texas Instruments LP3879 Datasheet HTML 3Page - Texas Instruments LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
using:
The value of
θJ−A for the WSON and SO PowerPad packages are specifically dependent on PCB trace area,
LP3879
www.ti.com
SNVS396B – MAY 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
-40°C to +125°C
Lead Temperature (Soldering, 5 seconds)
260°C
ESD Rating(3)
2 kV
Shutdown Pin
1kV
Power Dissipation(4)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Typical Operating)
2.5V to +6V
SENSE Pin
−0.3V to +6V
Output Voltage (Survival)(5)
−0.3V to +6V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival)(6)
−0.3V to +16V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
ESD testing was performed using Human Body Model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ−A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
trace material, and the number of layers and thermal vias. If a four layer board is used with maximum vias from the IC center to the heat
dissipating copper layers, values of
θJ−A which can be obtained are approximately 60°C/W for the SO PowerPad and 40°C/W for the
WSON package. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go
into thermal shutdown.
(5)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP3879 output must be diode-clamped to
ground.
(6)
The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output
above the input will turn on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com