Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 5 Page - Texas Instruments

  LP3879 Datasheet HTML 1Page - Texas Instruments LP3879 Datasheet HTML 2Page - Texas Instruments LP3879 Datasheet HTML 3Page - Texas Instruments LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
1.202
1.200
1.201
-40
25
1.199
JUNCTION TEMPERATURE (ºC)
0
50
75
100
125
-25
1.198
VOUT = 1.2V
-50
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-60 -40 -20
0
20
40
60
80
100 120 140
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
TEMPERATURE (°C)
IL = 800 mA
IL = 240 mA
IL = 1 mA
LP3879
www.ti.com
SNVS396B – MAY 2006 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: VIN = 3.3V, VOUT = 1V, IL = 1 mA, CIN = 4.7 µF, COUT = 10 µF, VS/D = 2V, CBYP = 10 nF, TJ = 25°C.
IGND vs Temperature
Minimum VIN Over Temperature
Figure 3.
Figure 4.
IGND vs ILoad
VOUT vs Temperature
Figure 5.
Figure 6.
VOUT vs Temperature
Ripple Rejection
Figure 7.
Figure 8.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com