Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments LP3879 Datasheet HTML 10Page - Texas Instruments LP3879 Datasheet HTML 11Page - Texas Instruments LP3879 Datasheet HTML 12Page - Texas Instruments LP3879 Datasheet HTML 13Page - Texas Instruments LP3879 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LP3879
SNVS396B – MAY 2006 – REVISED APRIL 2013
www.ti.com
For these reasons, X7R and X5R type ceramic capacitors must be used on the input and output of the
LP3879.
SHUTDOWN INPUT OPERATION
The LP3879 is shut off by pulling the Shutdown input low, and turned on by pulling it high. If this feature is not to
be used, the Shutdown input should be tied to VIN to keep the regulator output on at all times.
To assure proper operation, the signal source used to drive the Shutdown input must be able to swing above and
below the specified turn-on/turn-off voltage thresholds listed in the Electrical Characteristics section under
VON/OFF.
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the LP3879 has an inherent diode connected between
the regulator output and input.
During normal operation (where the input voltage is higher than the output) this diode is reverse-biased.
However, if the output is pulled above the input, this diode will turn ON and current will flow into the regulator
output.
In such cases, a parasitic SCR can latch which will allow a high current to flow into VIN (and out the ground pin),
which can damage the part.
In any application where the output may be pulled above the input, an external Schottky diode must be
connected from VIN to VOUT (cathode on VIN, anode on VOUT), to limit the reverse voltage across the LP3879 to
0.3V (see Absolute Maximum Ratings).
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com