Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3879 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3879
Description  LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3879 Datasheet(HTML) 2 Page - Texas Instruments

  LP3879 Datasheet HTML 1Page - Texas Instruments LP3879 Datasheet HTML 2Page - Texas Instruments LP3879 Datasheet HTML 3Page - Texas Instruments LP3879 Datasheet HTML 4Page - Texas Instruments LP3879 Datasheet HTML 5Page - Texas Instruments LP3879 Datasheet HTML 6Page - Texas Instruments LP3879 Datasheet HTML 7Page - Texas Instruments LP3879 Datasheet HTML 8Page - Texas Instruments LP3879 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
2
3
4
5
6
7
8
BYPASS
N/C
GROUND
INPUT
SENSE
OUTPUT
SHUTDOWN
N/C
1
2
3
4
8
7
6
5
GND
BYPASS
N/C
GROUND
INPUT
SENSE
OUTPUT
N/C
SHUTDOWN
4
+
-
5
2
7
3
8
6
1
+
1.23V
LP3879-X.X
*0.01 PF
(See App
Hints)
*4.7 PF
**S/D
+
*10 PF
+
OUTPUT
(Ceramic or
Tantalum
recommended)
N/C
(Ceramic
recommended)
N/C
LP3879
SNVS396B – MAY 2006 – REVISED APRIL 2013
www.ti.com
Basic Application Circuit
*Capacitance values shown are minimum required to assure stability. Larger output capacitor provides improved
dynamic response. Output capacitor must meet ESR requirements (see Application Information).
**The Shutdown pin must be actively terminated (see Application Information). Tie to INPUT (Pin 4) if not used.
Connection Diagram
Figure 1. Top View
Figure 2. Top View
8-Lead SO PowerPad
8-Lead WSON
See DDA0008B Package
See NGT0008A Package
PIN DESCRIPTIONS
Pin
Name
Function
1
BYPASS
The capacitor connected between BYPASS and GROUND lowers output noise voltage
level and is required for loop stability.
2
N/C
DO NOT CONNECT. This pin is used for post package test and must be left floating.
3
GROUND
Device ground.
4
INPUT
Input source voltage.
5
OUTPUT
Regulated output voltage.
6
SENSE
Remote Sense. Tie directly to output or remotely at point of load for best regulation.
7
N/C
No internal connection.
8
SHUTDOWN
Output is enabled above turn-on threshold voltage. Pull down to turn off regulator output.
SO PowerPad,
SUBSTRATE
The exposed die attach pad should be connected to a thermal pad at ground potential. For
WSON
GROUND
additional information on using Texas Instruments' Non Pull Back WSON package, please
refer to WSON application note SNOA401
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3879



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com