Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP38852
Description  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38852 Datasheet(HTML) 4 Page - Texas Instruments

  LP38852 Datasheet HTML 1Page - Texas Instruments LP38852 Datasheet HTML 2Page - Texas Instruments LP38852 Datasheet HTML 3Page - Texas Instruments LP38852 Datasheet HTML 4Page - Texas Instruments LP38852 Datasheet HTML 5Page - Texas Instruments LP38852 Datasheet HTML 6Page - Texas Instruments LP38852 Datasheet HTML 7Page - Texas Instruments LP38852 Datasheet HTML 8Page - Texas Instruments LP38852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
LP38852
SNVS482E – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Unless otherwise specified: VOUT = 0.80V, VIN = VOUT(NOM) + 1V, VBIAS = 3.0V, VEN = VBIAS, IOUT = 10 mA, CIN = COUT = 10 µF,
CBIAS = 1 µF, CSS = open. Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction
temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical
correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only.
Symbol
Parameter
Conditions
MIN
TYP
MAX
Units
VOUT(NOM)+1V ≤ VIN ≤ VBIAS ≤ 4.5V
(1)
492.5
507.5
3.0V
≤ VBIAS ≤ 5.5V,
500
485
515
10 mA
≤ IOUT ≤ 1.5A
VADJ
VADJ Accuracy
mV
VOUT(NOM)+1V ≤ VIN ≤ VBIAS ≤ 4.5V
(1)
3.0V
≤ VBIAS ≤ 5.5V,
490
500
510
10 mA
≤ IOUT ≤ 1.5A,
0°C
≤ TJ ≤ +125°C
3.0V
≤ VBIAS ≤ 5.5V
0.80
1.20
VOUT
VOUT Range
V
4.5V
≤ VBIAS ≤ 5.5V
0.80
1.80
ΔVOUT/ΔVIN
Line Regulation, VIN
(2)
VOUT(NOM)+1V ≤ VIN ≤ VBIAS ≤ 4.5V
-
0.04
-
%/V
ΔVOUT/ΔVBIAS
Line Regulation, VBIAS
(2)
3.0V
≤ VBIAS ≤ 5.5V
-
0.10
-
%/V
ΔVOUT/ΔIOUT
Output Voltage Load Regulation(3)
10 mA
≤ IOUT ≤ 1.5A
-
0.2
-
%/A
165
VDO
Dropout Voltage(4)
IOUT = 1.5A
-
130
mV
180
VOUT = 0.80V, VBIAS = 3.0V
8.5
-
7.0
mA
10 mA
≤ IOUT ≤ 1.5A
9.0
Quiescent Current Drawn from VIN
IGND(IN)
Supply
100
VEN ≤ 0.5V
1
μA
300
3.8
10 mA
≤ IOUT ≤ 1.5A
-
3.0
mA
4.5
Quiescent Current Drawn from
IGND(BIAS)
VBIAS Supply
170
VEN ≤ 0.5V
100
μA
200
2.20
2.70
UVLO
Under-Voltage Lock-Out Threshold
VBIAS rising until device is functional
2.45
V
2.00
2.90
VBIAS falling from UVLO threshold until
60
300
UVLO(HYS)
Under-Voltage Lock-Out Hysteresis
150
mV
device is non-functional
50
350
VIN = VOUT(NOM) + 1V,
ISC
Output Short-Circuit Current
-
4.5
-
A
VBIAS = 3.0V, VOUT = 0.0V
Soft-Start
rSS
Soft-Start internal resistance
11.0
13.5
16.0
k
Ω
Soft-Start time
tSS
CSS = 10 nF
-
675
-
μs
tSS = CSS × rSS × 5
Enable
VEN = VBIAS
-
0.01
-
IEN
ENABLE pin Current
μA
-19
-40
VEN = 0.0V, VBIAS = 5.5V
-30
-13
-51
1.00
1.50
VEN(ON)
Enable Voltage Threshold
VEN rising until Output = ON
1.25
V
0.90
1.55
VEN falling from VEN(ON) until
50
150
VEN(HYS)
Enable Voltage Hysteresis
100
mV
Output = OFF
30
200
tOFF
Turn-OFF Delay Time
RLOAD x COUT << tOFF
-
20
-
µs
tON
Turn-ON Delay Time
RLOAD x COUT << tON
-
15
-
(1)
VIN cannot exceed either VBIAS or 4.5V, whichever value is lower.
(2)
Output voltage line regulation is defined as the change in output voltage from nominal value resulting from a change in input voltage.
(3)
Output voltage load regulation is defined as the change in output voltage from nominal value as the load current increases from no load
to full load.
(4)
Dropout voltage is defined the as input to output voltage differential (VIN - VOUT) where the input voltage is low enough to cause the
output voltage to drop 2% from the nominal value.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com