Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38852
Description  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38852 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38852 Datasheet HTML 6Page - Texas Instruments LP38852 Datasheet HTML 7Page - Texas Instruments LP38852 Datasheet HTML 8Page - Texas Instruments LP38852 Datasheet HTML 9Page - Texas Instruments LP38852 Datasheet HTML 10Page - Texas Instruments LP38852 Datasheet HTML 11Page - Texas Instruments LP38852 Datasheet HTML 12Page - Texas Instruments LP38852 Datasheet HTML 13Page - Texas Instruments LP38852 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LP38852
SNVS482E – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Refer to the Typical Application Circuit. Unless otherwise specified: TJ = 25°C, R1 = 1.40 kΩ, R2 = 1.00 kΩ, CFF= 0.01 µF, VIN
= VOUT(NOM) + 1V, VBIAS = 3.0V, IOUT = 10 mA, CIN = 10 µF Ceramic, COUT = 10 µF Ceramic, CBIAS = 1 µF Ceramic, CSS =
Open.
VBIAS PSRR
VIN PSRR
Figure 28.
Figure 29.
Output Noise
Figure 30.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com