Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38852
Description  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38852 Datasheet(HTML) 1 Page - Texas Instruments

  LP38852 Datasheet HTML 1Page - Texas Instruments LP38852 Datasheet HTML 2Page - Texas Instruments LP38852 Datasheet HTML 3Page - Texas Instruments LP38852 Datasheet HTML 4Page - Texas Instruments LP38852 Datasheet HTML 5Page - Texas Instruments LP38852 Datasheet HTML 6Page - Texas Instruments LP38852 Datasheet HTML 7Page - Texas Instruments LP38852 Datasheet HTML 8Page - Texas Instruments LP38852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 PF Ceramic
COUT
10 PF
Ceramic
CBIAS
1 PF
GND
GND
LP38852-ADJ
ADJ
R1
R2
CFF
VEN
SS
CSS
EN
LP38852
www.ti.com
SNVS482E – JANUARY 2007 – REVISED APRIL 2013
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and
Soft-Start
Check for Samples: LP38852
1
FEATURES
DESCRIPTION
The LP38852-ADJ is a high current, fast response
2
•
Adjustable VOUT Range of 0.80V to 1.8V
regulator
which
can
maintain
output
voltage
•
Wide VBIAS Supply Operating Range of 3.0V to
regulation with extremely low input to output voltage
5.5V
drop. Fabricated on a CMOS process, the device
•
Stable with 10µF Ceramic Capacitors
operates from two input voltages: VBIAS provides
voltage to drive the gate of the N-MOS power
•
Dropout Voltage of 130 mV (Typical) at 1.5A
transistor, while VIN is the input voltage which
Load Current
supplies power to the load. The use of an external
•
Precision Output Voltage across All Line and
bias rail allows the part to operate from ultra low VIN
Load Conditions:
voltages.
Unlike
bipolar
regulators,
the
CMOS
architecture
consumes
extremely
low
quiescent
–
±1.5% VADJ for TJ = 25°C
current at any output load current. The use of an N-
–
±2.0% VADJ for 0°C ≤ TJ ≤ +125°C
MOS power transistor results in wide bandwidth, yet
–
±3.0% VADJ for -40°C ≤ TJ ≤ +125°C
minimum external capacitance is required to maintain
•
Over-Temperature and Over-Current
loop stability.
Protection
The fast transient response of this device makes it
•
Available in 8 Lead SO PowerPAD, 7 Lead TO-
suitable for use in powering DSP, Microcontroller
220 and 7 Lead DDPAK Packages
Core voltages and Switch Mode Power Supply post
regulators. The part is available in the TO-220 and
•
−40°C to +125°C Operating Junction
DDPAK 7-pin packages.
Temperature Range
Dropout Voltage: 130 mV (typical) at 1.5A load
APPLICATIONS
current.
•
ASIC Power Supplies In:
Low Ground Pin Current: 10 mA (typical) at 1.5A
load current.
–
Desktops, Notebooks, and Graphics Cards,
Servers
Soft-Start: Programmable Soft-Start time.
–
Gaming Set Top Boxes, Printers and
Precision ADJ Voltage: ±1.5% for TJ = 25°C, and
Copiers
±2.0% for 0°C
≤ TJ ≤ +125°C, across all line and load
•
Server Core and I/O Supplies
conditions
•
DSP and FPGA Power Supplies
•
SMPS Post-Regulator
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
National Semiconductor ...
LP38852MR-ADJ NSC-LP38852MR-ADJ Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results

Similar Description - LP38852

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38852 NSC-LP38852 Datasheet
439Kb / 18P
1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38858 NSC-LP38858 Datasheet
364Kb / 14P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38851 NSC-LP38851 Datasheet
441Kb / 18P
800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
logo
Texas Instruments
LP38853 TI-LP38853 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38851S-ADJ TI-LP38851S-ADJ Datasheet
1Mb / 29P
LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38851S-ADJ TI1-LP38851S-ADJ Datasheet
1Mb / 29P
LP38851 800 mA Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38858 TI-LP38858_15 Datasheet
2Mb / 21P
1.5A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com