Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38852
Description  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38852 Datasheet(HTML) 3 Page - Texas Instruments

  LP38852 Datasheet HTML 1Page - Texas Instruments LP38852 Datasheet HTML 2Page - Texas Instruments LP38852 Datasheet HTML 3Page - Texas Instruments LP38852 Datasheet HTML 4Page - Texas Instruments LP38852 Datasheet HTML 5Page - Texas Instruments LP38852 Datasheet HTML 6Page - Texas Instruments LP38852 Datasheet HTML 7Page - Texas Instruments LP38852 Datasheet HTML 8Page - Texas Instruments LP38852 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LP38852
www.ti.com
SNVS482E – JANUARY 2007 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering, 5 seconds
260°C
ESD Rating
Human Body Model(3)
±2 kV
Power Dissipation(4)
Internally Limited
VIN Supply Voltage (Survival)
−0.3V to +6.0V
VBIAS Supply Voltage (Survival)
−0.3V to +6.0V
VSS SoftStart Voltage (Survival)
−0.3V to +6.0V
VOUT Voltage (Survival)
−0.3V to +6.0V
IOUT Current (Survival)
Internally Limited
Junction Temperature
−40°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin. Test method is per JESD22-A114.
(4)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See the Application Information section for details.
Operating Ratings
(1)
VIN Supply Voltage
(VOUT + VDO) to VBIAS
0.8V
≤ VOUT ≤ 1.2V
3.0V to 5.5V
VBIAS Supply Voltage
(2)
1.2V < VOUT ≤ 1.8V
4.5V to 5.5V
VEN Voltage
0.0V to VBIAS
IOUT
0 mA to 1.5A
Junction Temperature Range(3)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
VIN cannot exceed either VBIAS or 4.5V, whichever value is lower.
(3)
Device power dissipation must be de-rated based on device power dissipation (PD), ambient temperature (TA), and package junction to
ambient thermal resistance (
θJA). Additional heat-sinking may be required to ensure that the device junction temperature (TJ) does not
exceed the maximum operating rating. See the Application Information section for details.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com