Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38852 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP38852
Description  1.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38852 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP38852 Datasheet HTML 12Page - Texas Instruments LP38852 Datasheet HTML 13Page - Texas Instruments LP38852 Datasheet HTML 14Page - Texas Instruments LP38852 Datasheet HTML 15Page - Texas Instruments LP38852 Datasheet HTML 16Page - Texas Instruments LP38852 Datasheet HTML 17Page - Texas Instruments LP38852 Datasheet HTML 18Page - Texas Instruments LP38852 Datasheet HTML 19Page - Texas Instruments LP38852 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
H
A
T
d
(
)
J
C
C
H
J
A
T
T
-
T
+
D
J
JA
P
T
T
'
d
A(MAX)
J(MAX)
J
T
-
T
' =
LP38852
SNVS482E – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA) for the application, and the maximum allowable operating junction temperature (TJ(MAX)).
(12)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(13)
Heat-Sinking the TO-220 Package
The TO-220 package has a
θJA rating of 60°C/W and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow. If the needed
θJA, as calculated above, is greater than or
equal to 60°C/W then no additional heat-sinking is required since the package can safely dissipate the heat and
not exceed the operating TJ(MAX). If the needed θJA is less than 60°C/W then additional heat-sinking is needed.
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for DDPAK
package.
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
where
•
θJA is the required total thermal resistance from the junction to the ambient air
•
θCH is the thermal resistance from the case to the surface of the heart-sink
•
θJC is the thermal resistance from the junction to the surface of the case
(14)
For this equation,
θJC is about 3°C/W for a TO-220 package. The value for θCH depends on method of
attachment, insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer
datasheet for details and recommendations.
Heat-Sinking the DDPAK Package
The DDPAK package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow.
The DDPAK package uses the copper plane on the PCB as a heat-sink. The tab of this package is soldered to
the copper plane for heat sinking. shows a curve for the
θJA of DDPAK package for different copper area sizes,
using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat-sinking.
Figure 33.
θJA vs Copper (1 Ounce) Area for the DDPAK package
Figure 33 shows that increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK package mounted to a PCB is 32°C/W.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38852



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com