Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AMFB/C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 1 Page - ATMEL Corporation

  TS68C429AMFB/C Datasheet HTML 1Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 2Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 3Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 4Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 5Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 6Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 7Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 8Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
Features
• 8 Independent Receivers (Rx)
• 3 Independent Transmitters (Tx)
• Full TS68K Family Microprocessor Interface Compatibility
• 16-bit Data-bus
• ARINC 429 Interface: “1” and “0” Lines, RZ Code
• Support all ARINC 429 Data Rate Transfer and up to 2.5 Mbit/s
• Multi Label Capability
• Parity Control: Odd, Even, No Parity, Interrupt Capability
• Independent Programmable Frequency for Rx and Tx Channels
• 8 Messages FIFO per Tx Channel
• Independent Interrupt Request Line for Rx and Tx Functions
• Vectored Interrupts
• Daisy Chain Capability
• Direct Addressing of all Registers
• Test Modes Capability
• 20 MHz Operating Frequency
• Self-test Capability for Receiver Label Memories and Transmit FiFO
• Low Power: 400 mW
Description
The TS68C429A is an ARINC 429 controller. It is an enhanced version of the EF 4442
and it is designed to be connected to the new 16- or 32-bit microprocessors, espe-
cially these of the Atmel TS68K family.
Screening
•
MIL-STD-883, class B
•
DESC Drawing 5962-955180
•
Atmel
Standards
Application Note
•
A detailed application note is available “AN 68C429A” on request.
R suffix
PGA 84
Ceramic Pin Grid Array
F suffix
CQFP 132
Ceramic Quad Flat Pack
CMOS
ARINC 429
Multichannel
Receiver/
Transmitter
(MRT)
TS68C429A
Rev. 2120A–HIREL–08/02


Similar Part No. - TS68C429AMFB/C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results

Similar Description - TS68C429AMFB/C

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
ARINC 429 Serial Transmitter and Dual Receiver
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
ARINC 429 Serial Transmitter and Dual Receiver
logo
List of Unclassifed Man...
TS68C429AMRBCA ETC2-TS68C429AMRBCA Datasheet
1Mb / 46P
CMOS ARINC 429 Multichannel Receiver/Transmitter (MRT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com