Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AMFB/C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 2 Page - ATMEL Corporation

  TS68C429AMFB/C Datasheet HTML 1Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 2Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 3Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 4Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 5Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 6Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 7Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 8Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
TS68C429A
2120A–HIREL–08/02
Hardware Overview
The TS68C429A is a high performance ARINC 429 controller designed to interface pri-
mary to the Atmel TS68K family microprocessor in a straight forward fashion (see
“Application Notes” on page 33). It can be connected to any TS68K processor family
with an asynchronous bus with some additional logic in some cases.
As shown in Figure 1, the TS68C429A is divided into five main blocks, the microproces-
sor interface unit (MIU), the logical control unit (LCU), the interrupt control unit (ICU), the
receiver channel unit (RCU) and the transmitter channel unit (TCU).
•
The MIU handles the interface protocol of the host processor. Through this unit, the
host sees the TS68C429A as a set of registers.
•
The LCU controls the internal data flow and initializes the TS68C429A.
•
The ICU manages one interrupt line for the RCU and one for the TCU. Each of
these two parts has a daisy chain capability. All channels have a dedicated vectored
interrupt answer. Receiver channels priority is programmable.
•
The RCU is composed of 8 ARINC receiver channels made of:
–
a serial to parallel converter to translate the two serial signals (the “1” and “0”
in RZ code) into two 16-bit words,
–
a memory to store the valid labels,
–
a control logic to check the validity of the received message,
–
a buffer to keep the last valid received message.
•
The TCU is composed of three ARINC transmitter channels made of:
–
a parallel to serial converter to translate the messages into two serial signals
(the “1” and “0” in RZ code),
–
a FIFO memory to store eight 32-bit ARINC messages,
–
a control logic to synchronize the message transmitter (parity, gap, speed,
etc.).
•
Test facility: Rx inputs can be internally connected to TX3 output.
•
Self-test facility: The receiver control label matrix and transmitter FIFO can be
tested. This self-test can be used to verify the integrity of the TS68C429A
memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com