Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AMFB/C Datasheet(PDF) 31 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button TS68C429AMFB/C Datasheet HTML 27Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 28Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 29Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 30Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 31Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 32Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 33Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 34Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
31
TS68C429A
2120A–HIREL–08/02
1: Self-test fail.
bit 13: Result of Transmitter 3 self-test:
0: (if bit 10 is set to 1) self-test pass,
1: Self-test fail.
bit 14: 0: Receiver Label Control Matrix self-test is running,
1: End of receiver Label Control Matrix self-test.
bit 15: Result of receiver LCM self-test:
0: (if bit 14 is set to 1) self-test pass,
1: Self-test fail.
Self-test Use
The self-test destroys the content of the tested memory. So, it could be used after sys-
tem reset, during system initialization. Only one self-test (transmitters and receivers)
can be performed after a reset. If the self-test must be restarted, the reset must be acti-
vated (then released) before the new self-test start.
To program the self-test:
1.
If the receiver self-test will be used:
set to 1 LCMWE bits (for all receivers).
2.
If receiver self-test will be used and CLK-SYS is > 10 MHz:
set to self-test register bit 5.
3.
Start self-test:
set to 1 self-test register bit 6 for Transmitter test,
set to 1 self-test register bit 7 for Receiver RAM test.
At this point, self-test is running. The test duration is:
710 CLK-SYS periods for Transmitter self-test,
2820 CLK-SYS periods for Receiver RAM test if self-test register bit 5 is 0,
5640 CLK-SYS periods for Receiver RAM test if self-test register bit 5 is 1.
To read the self-test result, the user must:
1.
poll the self-test register and wait for an end of test set to 1 (bits 8 to 10, bit 14)
then,
2.
read the self-test register again to have a valid result on bits 11, 12, 13, 15
according to the tests which end at point 1.
Memory MAP
Address
Access
Register
0H
1H
2H
3H
R/W
W
R
R
Receiver-control-register
Gap-register
Message-buffer MSW
Message-buffer LSW
Receiving channel 1
4H
5H
6H
7H
R/W
W
R
R
Receiver-control-register
Gap-register
Message-buffer MSW
Message-buffer LSW
Receiving channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com