Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AMFB/C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 4 Page - ATMEL Corporation

  TS68C429AMFB/C Datasheet HTML 1Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 2Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 3Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 4Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 5Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 6Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 7Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 8Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4
TS68C429A
2120A–HIREL–08/02
Package
See “Package Mechanical Data” on page 40 and “Terminal Connections” on page 41.
Figure 1. Signal Description
Pin Name
Type
Function
A0-8
I
Address bus. The address bus is used to select one of the internal registers during a processor
read or write cycle.
D0-15
I/O
This bi-directional bus is used to receive data from or transmit data to an internal register during a
processor read or write cycle. During an interrupt acknowledge cycle, the vector number is given
on the lower data bus (D0 - D7).
CS
I
Chip select (active low). This input is used to select the chip for internal register access.
LDS
I
Lower data strobe. This input (active low) validates lower data during R/W access (D0-D7).
UDS
I
Upper data strobe. This input (active low) validates upper data during R/W access (D8-D15).
R/W
I
Read/write. This input defines a data transfer as a read (high) or a write (low) cycle.
DTACK
O
Data transfer acknowledge. If the bus cycle is a processor read, the chip asserts DTACK to
indicate that the information on the data bus is valid. If the bus cycle is a processor write, DTACK
acknowledges the acceptance of the data by the MRT. DTACK will be asserted during chip select
access (CS asserted) or interrupt acknowledge cycle (IACKTX or IACKRK asserted).
IRQTX
O
Interrupt transmit request. This open drain output signals to the processor that an interrupt is
pending from the transmission part of the MRT. There are 6 causes that can generate an
interrupt request (2 per channel: FIFO empty and end of transmission).
IACKTX
I
Interrupt transmit acknowledge. If IRQTX is active, the MRT will begin an interrupt acknowledge
cycle. The MRT will generate a vector number to the processor which is the highest priority
channel requesting interrupt service.
IEITX
I
Interrupt transmit enable in. This input, together with IEOTX signal, provides a daisy chained
interrupt structure for a vectored scheme. IEITX (active low) indicates that no higher priority
device is requesting interrupt service.
IEOTX
O
Interrupt transmit enable out. This output, together with IEITX signal, provides a daisy chained
interrupt structure for a vectored interrupt scheme. IEOTX (active low) indicates to lower priority
devices that neither the TS68C429A nor any highest priority peripheral is requesting an interrupt.
IRQRX
O
Interrupt transmit request. This open drain output signals to the processor that an interrupt is
pending from the receiving part of the chip. There are 9 causes that can generate an interrupt
request (1 per channel: valid message received, and 1 for bad parity on a received message).
IACKRX
I
Interrupt receive acknowledge. Same function as IACKTX but for receiver part.
IEIRX
I
Interrupt receive enable in. Same function as IEITX but for receiver part.
IEORX
I
Interrupt receive enable out. Same function as IEOTX but for receiver part.
TX1H
O
Transmission “1” line of the channel 1.
TX1L
O
Transmission “0” line of the channel 1.
TX2H
O
Transmission “1” line of the channel 2.
TX2L
O
Transmission “0” line of the channel 2.
TX3H
O
Transmission “1” line of the channel 3.
TX3L
O
Transmission “0” line of the channel 3.
RX1H
I
Receiving “1” line of the channel 1.
RX1L
I
Receiving “0” line of the channel 1.
RX2H
I
Receiving “1” line of the channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com