Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS68C429AMFB/C Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TS68C429AMFB/C
Description  CMOS ARINC 429 Multichannel Receiver/ Transmitter MRT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68C429AMFB/C Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TS68C429AMFB/C Datasheet HTML 26Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 27Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 28Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 29Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 30Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 31Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 32Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 33Page - ATMEL Corporation TS68C429AMFB/C Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30
TS68C429A
2120A–HIREL–08/02
Register Description
Figure 27. Self-test Register
The self-test register can be split in three parts:
1.
bit 0: Used to enable receiver wrong parity detection. This bit has been imple-
mented to guarantee compatibility with previous designs:
0: Receiver wrong parity detection disable,
1: Receiver wrong parity detection enable.
2.
Self-test command:
bit 5: Receiver test clock mode:
0: If CLK-SYS is less or equal to 10 MHz,
1: If CLK-SYS is higher than 10 MHz.
bit 6: Start transmitter self-test if a 0 to 1 transition is programmed (before a new
self-test, the user must reprogram this bit to 0).
bit 7: Start receiver Label Control Matrix self-test if a 0 to 1 transition is programmed
(before a new self-test, the user must reprogram this bit to 0).
3.
Self-test result:
bit 8: 0: Transmitter 1 self-test is running,
1: End of Transmitter 1 self-test.
bit 9: 0: Transmitter 2 self-test is running,
1: End of Transmitter 2 self-test.
bit 10: 0: Transmitter 3 self-test is running,
1: End of Transmitter 3 self-test.
bit 11: Result of Transmitter 1 self-test:
0: (if bit 8 is set to 1) self-test pass,
1: Self-test fail.
bit 12: Request of Transmitter 2 self-test:
0: (if bit 9 is set to 1) self-test pass,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com