Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS415014 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS415014
Description  POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS415014 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS415014 Datasheet HTML 1Page - Powerex Power Semiconductors PS415014 Datasheet HTML 2Page - Powerex Power Semiconductors PS415014 Datasheet HTML 3Page - Powerex Power Semiconductors PS415014 Datasheet HTML 4Page - Powerex Power Semiconductors PS415014 Datasheet HTML 5Page - Powerex Power Semiconductors PS415014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
1400 Amperes / Up to 5000 Volts
Revision Date: 06/17/2013
PS415014
®
0.0
0.5
1.0
1.5
2.0
2.5
10
100
1000
10000
Instantaneous On-State Current - If Amperes
Maximum On-State Forward Voltage Drop
( Tj = 150°C )
0.00001
0.00010
0.00100
0.01000
0.10000
0.0001
0.001
0.01
0.1
1
10
100
1000
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
30°
90°
180°
0
500
1000
1500
2000
2500
3000
3500
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
30°
90°
180°
30
50
70
90
110
130
150
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
60°
120°
180°
360°
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
500
1000
1500
2000
2500
3000
3500
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)
60°
120°
180°
360°
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
500
1000
1500
2000
2500
3000
3500
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Rectangular Waveform)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com