Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS415014 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS415014
Description  POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS415014 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS415014 Datasheet HTML 1Page - Powerex Power Semiconductors PS415014 Datasheet HTML 2Page - Powerex Power Semiconductors PS415014 Datasheet HTML 3Page - Powerex Power Semiconductors PS415014 Datasheet HTML 4Page - Powerex Power Semiconductors PS415014 Datasheet HTML 5Page - Powerex Power Semiconductors PS415014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
1400 Amperes / Up to 5000 Volts
Revision Date: 06/17/2013
PS415014
®
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: PS415014 is a 5000 Volt,
1400A Average Single Diode
Isolated POW-R-BLOK
TM Module
Type
Voltage
Volts (x100)
Current
Amperes
(x100)
PS41
45
50
14
Description:
Powerex Single Diode Modules are designed
for use in applications requiring rectification
and isolated packaging. The modules are
isolated for easy mounting with other
components on a common heatsink.
Features:
 Electrically Isolated Heatsinking
 Compression Bonded Elements
 Metal Baseplate
 Low Thermal Impedance
for Improved Current Capability
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Power Supplies
 Large IGBT Circuit Front Ends


Similar Part No. - PS415014

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PS4157N DIODES-PS4157N Datasheet
455Kb / 2P
Low RON , 2:1 SPDT Switch for Negative Signal/Power Rails with 1.8V Logic Control Simplifies PA Control
PS4157NCEX DIODES-PS4157NCEX Datasheet
455Kb / 2P
Low RON , 2:1 SPDT Switch for Negative Signal/Power Rails with 1.8V Logic Control Simplifies PA Control
More results

Similar Description - PS415014

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
CD61 POWEREX-CD61 Datasheet
101Kb / 5P
POW-R-BLOK Dual & Single Diode Isolated Module 160 Amperes / Up to 1600 Volts
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LS4160 POWEREX-LS4160 Datasheet
95Kb / 4P
POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PS4125 POWEREX-PS4125 Datasheet
91Kb / 5P
POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS432415 POWEREX-PS432415 Datasheet
277Kb / 5P
POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com