Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS415014 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PS415014
Description  POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS415014 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PS415014 Datasheet HTML 1Page - Powerex Power Semiconductors PS415014 Datasheet HTML 2Page - Powerex Power Semiconductors PS415014 Datasheet HTML 3Page - Powerex Power Semiconductors PS415014 Datasheet HTML 4Page - Powerex Power Semiconductors PS415014 Datasheet HTML 5Page - Powerex Power Semiconductors PS415014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
1400 Amperes / Up to 5000 Volts
Revision Date: 06/17/2013
PS415014
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
Derate Vrrm at Tj < 25C – Consult Factory
VRRM
Up to 5000
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec) Derate Vrsm at Tj < 25C - Consult Factory
VRSM
VRRM + 100V
V
RMS Current Per Diode
(180
o
Conduction)
180
° Conduction, T
C=67°C
180
° Conduction, T
C=91°C
180
° Conduction, T
C=113°C
IF(RMS)
IF(RMS)
IF(RMS)
2820
2200
1570
A
A
A
Average Forward Current Per Diode
(180
o
Conduction)
180
° Conduction, T
C=67°C
180
° Conduction, T
C=91°C
180
° Conduction, T
C=113°C
IF(AV)
IF(AV)
IF(AV)
1800
1400
1000
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
41,760
37,930
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
27,840
25,290
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
IFSM
IFSM
36,000
32,700
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
IFSM
IFSM
24,000
21,800
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
19,270
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
IFSM
15,140
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
2.39 x 10
6
2.38 x 10
6
A
2 sec
A
2 sec
I
2t for Fusing for One Cycle
Tj = 25C, Vr = 0 V
8.3 milliseconds
10 milliseconds
I
2t
I
2t
7.24 x 10
6
7.19 x 10
6
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw
132
15
in. – Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in. – Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25C
60Hz Vrms 60 sec
Vrms
4000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability of use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com