Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS415014 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # PS415014
Description  POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS415014 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  PS415014 Datasheet HTML 1Page - Powerex Power Semiconductors PS415014 Datasheet HTML 2Page - Powerex Power Semiconductors PS415014 Datasheet HTML 3Page - Powerex Power Semiconductors PS415014 Datasheet HTML 4Page - Powerex Power Semiconductors PS415014 Datasheet HTML 5Page - Powerex Power Semiconductors PS415014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
1400 Amperes / Up to 5000 Volts
Revision Date: 06/17/2013
PS415014
®
1.0
10.0
100.0
1000.0
1,000
10,000
100,000
0.1
1
10
100
Duration of Surge (ms)
Number of Cycles @ 60Hz
Maximum Surge Current Ratings - 60Hz
Vr = Vrrm
Vr = 0V
Tj initial = 125oC
1
10
100
1000
1,000
10,000
100,000
0.1
1
10
100
Duration of Surge (ms)
Number of Cycles @ 50Hz
Maximum Surge Ratings - 50Hz
Vr = Vrrm
Vr = 0V
Tj initial = 125oC
1.0
10.0
100.0
1000.0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
0.1
1
10
100
Duration of Surge (ms)
Number of Cycles @ 60Hz
Maximum I2t Ratings - 60Hz
Vr = Vrrm
Vr = 0V
Tj initial = 125oC
1.0
10.0
100.0
1000.0
1.00E+05
1.00E+06
1.00E+07
1.00E+08
0.1
1
10
100
Duration of Surge (ms)
Number of Cycles @ 50Hz
Maximum I2t Ratings - 50Hz
Vr = Vrrm
Vr = 0V
Tj initial = 125oC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com