Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS415014 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS415014
Description  POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS415014 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS415014 Datasheet HTML 1Page - Powerex Power Semiconductors PS415014 Datasheet HTML 2Page - Powerex Power Semiconductors PS415014 Datasheet HTML 3Page - Powerex Power Semiconductors PS415014 Datasheet HTML 4Page - Powerex Power Semiconductors PS415014 Datasheet HTML 5Page - Powerex Power Semiconductors PS415014 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single Diode Isolated Module
1400 Amperes / Up to 5000 Volts
Revision Date: 06/17/2013
PS415014
®
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 5000V, TJ=150°C
400
mA
Peak On-State Voltage
VFM
IFM=3000A, TJ=150°C
1.30
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150°C, I = 15%IT(AV) to
πIT(AV)
0.710
0.170
V
m
Ω
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 150°C, I =
πIT(AV) to ITSM
0.956
0.120
V
m
Ω
VFM Coefficients, Full Range
TJ = 150°C, I = 50A to 10kA
VFM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.5357
-0.00112
6.68 E-05
9.29 E-03
Typical Reverse Recovery Time
trr
TJ = 25°C, Ifm = 1500A.
dIr/dt = 25 A/us, tp = 190 us
30
us
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
R
ΘJ-C
Per Module
0.032
°C/W
Thermal Impedance Coefficients
Z
ΘJ-C
Z
ΘJ-C= K1 (1-exp(-t/τ1))
+ K2 (1-exp(-t/τ2))
+ K3 (1-exp(-t/τ3))
+ K4 (1-exp(-t/τ4))
K1 = 8.58 E-04
K2 = 9.78 E-04
K3 = 2.92 E-02
K4 =9.72 E-04
τ
1 = 1.36 E-02
τ
2 = 1.80 E-01
τ
3 = 9.86
τ
4 = 59.4
Thermal Resistance, Case to Sink Lubricated
R
ΘC-S
Per Module
0.009
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com