Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126PA.. Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PA..
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PA.. Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA126PA.. Datasheet HTML 1Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 2Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 3Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 4Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 5Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 6Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 7Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 8Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
INA126, INA2126
5
SBOS062A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15V, unless otherwise noted.
SETTLING TIME vs GAIN
Gain (V/V)
1000
100
10
1
10
100
1k
0.01%
0.1%
INPUT-REFERRED OFFSET VOLTAGE WARM-UP
Time After Turn-On (ms)
01
10
23
4
5
6
7
8
9
10
8
6
4
2
0
–2
–4
–6
–8
–10
(Noise)
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
10
100
1k
1
0.1
0.01
0.001
10k
R
L = 100kΩ
G = 5
R
L = 10kΩ
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
0
1
234
5
Output Current (mA)
Sourcing Current
Sinking Current
V+
(V+)–1
(V+)–2
(V–)+2
(V–)+1
V–
INPUT-REFERRED NOISE vs FREQUENCY
100
10
1
1k
100
10
Frequency (Hz)
1
10
100
10k
1k
Voltage Noise
Current Noise
QUIESCENT CURRENT AND SLEW RATE
vs TEMPERATURE
Temperature (°C)
300
250
200
150
100
50
0
0.6
0.5
0.4
0.3
0.2
0.1
0
–75
–50
–25
0
25
50
75
100
125
+SR
–SR
V
S = ±5V
V
S = ±1.35V
I
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com