Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126PA.. Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PA..
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PA.. Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA126PA.. Datasheet HTML 3Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 4Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 5Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 6Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 7Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 8Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 9Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 10Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
INA126, INA2126
7
SBOS062A
www.ti.com
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation
of the INA126. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to ensure good common-mode rejection. A resis-
tance of 8
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR.
Dual versions (INA2126) have feedback sense connections,
SenseA and SenseB. These must be connected to their respec-
tive output terminals for proper operation. The sense con-
nection can be used to sense the output voltage directly at the
load for best accuracy.
SETTING THE GAIN
Gain is set by connecting an external resistor, RG, as shown:
(1)
Commonly used gains and RG resistor values are shown in
Figure 1.
The 80k
Ω term in equation 1 comes from the internal metal film
resistors which are laser trimmed to accurate absolute values.
The accuracy and temperature coefficient of these resistors are
included in the gain accuracy and drift specifications.
The stability and temperature drift of the external gain
setting resistor, RG, also affects gain. RG’s contribution to
gain accuracy and drift can be directly inferred from the gain
equation (1). Low resistor values required for high gain can
make wiring resistance important. Sockets add to the wiring
resistance, which will contribute additional gain error in
gains of approximately 100 or greater.
OFFSET TRIMMING
The INA126 and INA2126 are laser trimmed for low offset
voltage and offset voltage drift. Most applications require no
external offset adjustment. Figure 2 shows an optional cir-
cuit for trimming the output offset voltage. The voltage
applied to the Ref terminal is added to the output signal. An
op amp buffer is used to provide low impedance at the Ref
terminal to preserve good common-mode rejection.
FIGURE 1. Basic Connections.
DESIRED GAIN
RG
NEAREST 1%
(V/V)
(
Ω)R
G VALUE
5NC
NC
10
16k
15.8k
20
5333
5360
50
1779
1780
100
842
845
200
410
412
500
162
162
1000
80.4
80.6
2000
40.1
40.2
5000
16.0
15.8
10000
8.0
7.87
NC: No Connection.
G
=5 + 80
k
Ω
R
G
FIGURE 2. Optional Trimming of Output Offset Voltage.
10k
Ω
OPA237
±10mV
Adjustment Range
100
Ω
100
Ω
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA126
Ref
V
O
✻
V
IN
–
V
IN
+
✻ Dual version has
external sense connection.
40k
Ω
10k
Ω
10k
Ω
40k
Ω
INA126
5
4
2
1
8
3
7
6
R
G
R
G
V
IN
A
2
A
1
–
V
IN
+
V
IN
–
V
IN
+
V+
V–
INA126
0.1
µF
0.1
µF
V
O
V
O
Ref
✻
Ref
Load
+
–
Also drawn in simplified form:
V
O = (VIN – VIN) G
–
+
G = 5 +
✻
Pin numbers are
for single version
✻ Dual version has
external sense connection.
80k
Ω
R
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com