Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126PA.. Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PA..
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PA.. Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA126PA.. Datasheet HTML 2Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 3Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 4Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 5Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 6Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 7Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 8Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 9Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
INA126, INA2126
6
SBOS062A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15V, unless otherwise noted.
50
µs/div
50
µs/div
500ms/div
50
µs/div
VOLTAGE NOISE, 0.1Hz to 10Hz
LARGE-SIGNAL RESPONSE, G = 5
SMALL-SIGNAL RESPONSE, G = 5
SMALL-SIGNAL RESPONSE, G = 100
CHANNEL SEPARATION vs FREQUENCY, RTI
(Dual Version)
160
150
140
130
120
110
100
90
80
70
60
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 5
Measurement limited
by amplifier or
measurement noise.
R
L = 25kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com