Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126PA.. Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PA..
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PA.. Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA126PA.. Datasheet HTML 5Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 6Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 7Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 8Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 9Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 10Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 11Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 12Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
INA126, INA2126
9
SBOS062A
www.ti.com
FIGURE 4. Bridge Signal Acquisition—Single 5V Supply.
FIGURE 5. Differential Voltage-to-Current Converter.
A1
IB Error
OPA177
±1.5nA
OPA130
±20pA
OPA602
±1pA
OPA129
±100fA
INA126
R
G
I
B
R
1
V
IN
–
+
A
1
I
O
Load
I
O =
• G
V
IN
R
1
Ref
✻
✻ Dual version has external sense connection.
40k
Ω
10k
Ω
10k
Ω
40k
Ω
INA126
5
1.2V
4
4
68
2
1
8
3
7
6
R
G
R
1
1k
Ω
C
1
0.47
µF
R
2
1k
Ω
+5V
R
1, C1, R2:
340Hz LP
Bridge
Sensor
2.5V –
∆V
2.5V +
∆V
REF1004C-1.2
33
µA
2
3
1
+IN
–IN
V
REF
D
ADS7817
12-Bit
A/D
C
S
Ck
6
Serial
Data
Chip
Select
INA126 and ADS7817
are available in fine-pitch
MSOP-8 package
✻ Dual version has external
sense connection. Pin numbers
shown are for single version.
Clock
5
7
4
8
A
2
A
1
The ADS7817’s V
REF input current is proportional to conversion rate. A
conversion rate of 10kS/s or slower assures enough current to turn on the
reference diode. Converter input range is
±1.2V. Output swing limitation of
INA126 limits the A/D converter to somewhat greater than 11 bits of range.
A similar instrumentation amplifier, INA125, provides
an internal reference voltage for sensor excitation
and/or A/D converter reference.
✻



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com