Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA126PA.. Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126PA..
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126PA.. Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA126PA.. Datasheet HTML 1Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 2Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 3Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 4Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 5Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 6Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 7Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 8Page - Burr-Brown (TI) INA126PA.. Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
q LOW QUIESCENT CURRENT: 175
µA/chan.
q WIDE SUPPLY RANGE:
±1.35V to ±18V
q LOW OFFSET VOLTAGE: 250
µV max
q LOW OFFSET DRIFT: 3
µV/°C max
q LOW NOISE: 35nV/
√Hz
q LOW INPUT BIAS CURRENT: 25nA max
q 8-PIN DIP, SO-8, MSOP-8 SURFACE- MOUNT
DUAL: 16-Pin DIP, SO-16, SSOP-16
Micro
POWER INSTRUMENTATION AMPLIFIER
Single and Dual Versions
DESCRIPTION
The INA126 and INA2126 are precision instrumentation ampli-
fiers for accurate, low noise differential signal acquisition. Their
two-op-amp design provides excellent performance with very
low quiescent current (175
µA/channel). This, combined with a
wide operating voltage range of
±1.35V to ±18V, makes them
ideal for portable instrumentation and data acquisition sys-
tems.
Gain can be set from 5V/V to 10000V/V with a single
external resistor. Laser trimmed input circuitry provides low
offset voltage (250
µV max), low offset voltage drift (3µV/°C
max) and excellent common-mode rejection.
Single version package options include 8-pin plastic DIP,
SO-8 surface mount, and fine-pitch MSOP-8 surface-mount.
Dual version is available in the space-saving SSOP-16 fine-
pitch surface mount, SO-16, and 16-pin DIP. All are specified
for the –40
°C to +85°C industrial temperature range.
APPLICATIONS
q INDUSTRIAL SENSOR AMPLIFIER:
Bridge, RTD, Thermocouple
q PHYSIOLOGICAL AMPLIFIER:
ECG, EEG, EMG
q MULTI-CHANNEL DATA ACQUISITION
q PORTABLE, BATTERY OPERATED SYSTEMS
INA1
26
INA2
126
INA2126
INA126
INA2126
INA126
INA2126
SBOS062A – JANUARY 1996 – REVISED AUGUST 2005
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
40k
Ω
10k
Ω
10k
Ω
40k
Ω
INA126
5
4
2
1
8
3
7
6
R
G
V
IN
–
V
IN
+
V+
V–
V
O = (VIN – VIN) G
–
+
80k
Ω
R
G
G = 5 +
40k
Ω
10k
Ω
10k
Ω
40k
Ω
INA2126
5
7
8
1
4
3
2
9
6
RG
VIN
–
VIN
+
V+
V–
VO = (VIN – VIN) G
–
+
G = 5 +
VO = (VIN – VIN) G
–
+
G = 5 +
40k
Ω
10k
Ω
10k
Ω
40k
Ω
12
16
13
14
15
11
10
RG
VIN
–
VIN
+
80k
Ω
R
G
80k
Ω
R
G


Similar Part No. - INA126PA..

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA126 TI2-INA126 Datasheet
2Mb / 37P
INAx126 MicroPower Instrumentation Amplifiers
REVISED JANUARY 2022
INA126E/250 TI2-INA126E/250 Datasheet
2Mb / 37P
INAx126 MicroPower Instrumentation Amplifiers
REVISED JANUARY 2022
INA126E/2K5 TI2-INA126E/2K5 Datasheet
2Mb / 37P
INAx126 MicroPower Instrumentation Amplifiers
REVISED JANUARY 2022
INA126E/2K5G4 TI2-INA126E/2K5G4 Datasheet
2Mb / 37P
INAx126 MicroPower Instrumentation Amplifiers
REVISED JANUARY 2022
INA126EA/250 TI2-INA126EA/250 Datasheet
2Mb / 37P
INAx126 MicroPower Instrumentation Amplifiers
REVISED JANUARY 2022
More results

Similar Description - INA126PA..

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_15 Datasheet
1Mb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com