Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M02 Datasheet(PDF) 15 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 15 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 11Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 12Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
015
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
5. CoB Mac-Adam Ellipse Color Definition
 LiteOn 3/5/7Step Mac-Adam Chromaticity Coordinate Groups (25degC)
Notes
1.
The LiteOn Chromaticity Coordinate Groups follow ANSI norm for 7 Mac-Adam square.
2.
The (CIEx, CIEy) center of 3/5 Mac-Adam ellipse follow ANSI norm.
3.
The ellipse equation expression:
SDCM = (g11*(x-x0)
2 + 2*g12*(x-x
0)*(y-y0) + g22*(y-y0)
2)0.5
 Forward Voltage Binning Parameter (25degC)
Parameter
Bin
Symbol
Min
Max
Unit
Condition
Forward Voltage
V1
VF
33.0
39.8
V
IF=Typical Current
ANSI C78.377A 7SDCM
3-Step Mac-Adam Ellipse
5-Step Mac-Adam Ellipse
2700K
3000K
3500K
4000K
5000K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com