Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M02 Datasheet(PDF) 17 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 17 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 13Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 21Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
017
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
CRI90 Series
Parameter
Code 4
Bin
Symbol
Min
Max
Unit
Code 9=0
Code 9=1
Luminous Flux
08
(8W)
A0A1
ΦV
550
650
lm
Full Bins
A1B
650
850
Main Bin
BC
850
950
10
(10W)
BC
850
950
Full Bins
CE
950
1150
Main Bin
EF
1150
1250
20
(20W)
HI
1500
1600
Full Bins
IK
1600
1900
Main Bin
KL
1900
2050
30
(30W)
MN
2050
2450
Full Bins
NP
2450
2800
Main Bin
PQ
2800
3050
8W Product (Code 4=08)
Main Bin
10W Product (Code 4=10)
Main Bin
20W Product (Code 4=20)
Main Bin
30W Product (Code 4=30)
Main Bin
-15% ~ -8%
-8% ~ +8%
+8% ~ +15%
850lm
950lm
1150lm
1250lm
B
C
E
F
1500lm
1600lm
1900lm
2050lm
H
I
K
L
2050lm
2450lm
2800lm
3050lm
M
N
P
Q
Main Bin
Full Bins
550lm
650lm
850lm
950lm
A0
A1
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com