Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M02 Datasheet(PDF) 22 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 22 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 21Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 22Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 23Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 24Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
022
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
6. Reliability Test Plan
No
Test item
Condition
Duration
Result
1
High Temperature Operating Life
Tc=85°C, IF=Typical Current
1K hours
Pass
2
Wet High Temperature Operating
Life
60°C/90%RH, IF=Typical Current(DC)
30 min ON/OFF
1K hours
Pass
3
Thermal Shock
-40°C to 125°C, 15minutes dwell, <10
seconds transfer,
measurement in every 250 cycle
500 cycles
Pass
4
Fast Switch Cycling Test
40000cycles, 2 mins On/Off, Room
temperature(25˚C+/-5C), measurement in
every 5000 cycle
40K cycles
Pass
5
High Temperature Storage Life
Ta=120°C
1K hours
Pass
6
Low Temperature Storage Life
Ta=-55°C
1K hours
Pass
7
Mechanical Shock
1500G, 0.5ms pulse, 5 shocks each 6 axis
30 Times (5 shocks
each 6 axis)
Pass
8
Variable Vibration Frequency
10-2000-10 Hz, log or linear sweep rate,
20G for approximately minute 1.5mm, each
applied three times per axis over 6 hrs.
18 hrs (three times
per axis over 6 hrs.)
Pass
Criteria for Judging the Damage
Item
Symbol
Test Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
Vf
IF=Typical Current
U.S.L. x 1.1
Luminous Flux
Lm
IF=Typical Current
L.S.L. x 0.7
CCX&CCY
X,Y
IF=Typical Current
Shift<0.02
Notes:
1. Operating life test are mounted on thermal heat sink
2. Storage item are only component, not put on heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com