Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M02 Datasheet(PDF) 19 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 19 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 21Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 22Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 23Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
019
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
LiteOn CoB CRI80 2700K Series
LiteOn CoB CRI80 3000K Series
85degC
3-Step at 25degC
85degC
5-Step at 25degC
3-Step at 25degC
5-Step at 25degC
ANSI 7SDCM
ANSI 7SDCM
LiteOn CoB
CRI80 2700K Series
LiteOn CoB
CRI80 3000K Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com