Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-M02 Datasheet(PDF) 18 Page - Lite-On Technology Corporation

Part # LTPL-M02
Description  LED HIGH POWER CoB Product Series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-M02 Datasheet(HTML) 18 Page - Lite-On Technology Corporation

Back Button LTPL-M02 Datasheet HTML 14Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 15Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 16Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 21Page - Lite-On Technology Corporation LTPL-M02 Datasheet HTML 22Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
018
LED HIGH POWER
CoB Product Series
BNC-OD-C131/A4
Created Date : 02/06/2013
Revison : 1.0, 02/06/2013
 Example of LiteOn CoB Mac-Adam Ellipse Color Definition
(EX: CRI80, 3000K series)
CRI
CCT
25degC (LiteOn Spec.)
85degC (ANSI)
Hot/Cold Factor
CCX
CCY
CCX
CCY
CCX
CCY
80
2700
0.4582
0.4136
0.4578
0.4101
-0.0004
-0.0035
3000
0.4344
0.4069
0.4338
0.4030
-0.0006
-0.0039
3500
0.4082
0.4221
0.4073
0.3917
-0.0009
-0.0052
4000
0.3827
0.3841
0.3818
0.3797
-0.0009
-0.0044
5000
0.3667
0.3828
0.3447
0.3553
-0.0006
-0.0039
90
3000
0.4323
0.4072
0.4338
0.4030
0.0015
-0.0042
Notes
1.
LiteOn tester and shipping spec follow the color bin with 25degC CCX/CCY center.
2.
The Hot/Cold Factor means the CCX/CCY shift from 25degC to 85degC.
3.
The Hot/Cold shift is measured by LiteOn CAS 140B instrument system.
Solid line in Red/Blue/Black is 3/5/7 SDCM in 25degC.
It is shipping Spec. of LiteOn.
Dotted line in light gray is
3/5/7 SDCM in 85degC and
the CCX/CCY center follows
ANSI C78.377A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com