Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR280
Description  1.5A SMARTOR Dual Regulator with Vaux Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR280 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR280 Datasheet HTML 1Page - California Micro Devices Corp CMPWR280 Datasheet HTML 2Page - California Micro Devices Corp CMPWR280 Datasheet HTML 3Page - California Micro Devices Corp CMPWR280 Datasheet HTML 4Page - California Micro Devices Corp CMPWR280 Datasheet HTML 5Page - California Micro Devices Corp CMPWR280 Datasheet HTML 6Page - California Micro Devices Corp CMPWR280 Datasheet HTML 7Page - California Micro Devices Corp CMPWR280 Datasheet HTML 8Page - California Micro Devices Corp CMPWR280 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR280
5
Fig 1.4. Ground Current is shown across the entire
range of load conditions. The ground current of 2mA has
minimal variation across the range of load conditions and
shows only a slight increase at maximum load due to the
current limit protection circuitry.
Fig 1.5. Supply Current of the device is shown across
the entire V
CC range.
The supply current remains below 0.2mA when the V
CC
supply is lower than 4.2V and the regulator is deselected.
Above this point, the regulator is enabled and a supply
current of 2.0mA is conducted.
Fig 1.4. Ground Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
500
1000
1500
Load Current [mA]
Fig 1.5. Vcc Supply Current (No Load)
10
100
1000
10000
12
3
4
5
Vcc [V]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com