Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CMPWR280
Description  1.5A SMARTOR Dual Regulator with Vaux Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR280 Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CMPWR280 Datasheet HTML 2Page - California Micro Devices Corp CMPWR280 Datasheet HTML 3Page - California Micro Devices Corp CMPWR280 Datasheet HTML 4Page - California Micro Devices Corp CMPWR280 Datasheet HTML 5Page - California Micro Devices Corp CMPWR280 Datasheet HTML 6Page - California Micro Devices Corp CMPWR280 Datasheet HTML 7Page - California Micro Devices Corp CMPWR280 Datasheet HTML 8Page - California Micro Devices Corp CMPWR280 Datasheet HTML 9Page - California Micro Devices Corp CMPWR280 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR280
9
Thermal dissipation of junction heat consists primarily of
two paths in series. The first path is the junction to the case
(θ
JC) thermal resistance which is defined by the package
style, and the second path is the case to ambient (θ
CA) thermal
resistance, which is dependent on board layout.
The overall junction to ambient (θ
JA) thermal resistance is
equal to:
θ
JA = θJC + θCA
For a given package style and board layout, the operating
junction temperature is a function of junction power
dissipation P
JUNC, and the ambient temperature, resulting in
the following thermal equation:
T
JUNC = TAMB + PJUNC (θJC ) + PJUNC (θCA )
= T
AMB + PJUNC (θJA )
The CMPWR280TO is housed in a TO-263 5-lead package,
which provides a θ
JC of 3°C/W. The ground tab is soldered
down to the PCB. When the device is mounted on a double
sided printed circuit board with two square inches of copper
allocated for “heat spreading”, the resulting θ
JA is 25°C/W.
Typical Thermal Characteristics
Based on a maximum power dissipation of 2.85W
(1.9Vx1.5A) with an ambient of 70°C the resulting junction
temperature will be:
T
JUNC = TAMB + PJUNC (θJA )
= 70°C + 2.85W (25°C/W)
= 70°C + 71°C = 141°C
All thermal characteristics of the CMPWR280TO were
measured using a double sided board with two square inches
of copper area connected to the GND pins for “heat
spreading”.
Measurements showing performance up to junction
temperature of 125°C were performed under light load
conditions (5mA). This allows the ambient temperature to
be representative of the internal junction temperature.
Note: The use of multi-layer board construction with power
planes will further enhance the thermal performance of the
package. In the event of no copper area being dedicated for
heat spreading, a multi-layer board construction will typically
provide the CMPWR280TO with an overall θ
JA of 25°C/W
which allows up to 2.5W to be safely dissipated.
Fig 3.1. Output Voltage vs. Temperature. This shows
the regulator V
OUT performance up to the maximum rated
junction temperature. The overall 125°C variation in junction
temperature causes an output voltage change of about 25mV.
Fig 3.1. Output Voltage vs. Temperature
3.260
3.280
3.300
3.320
3.340
0
25
50
75
100
125
Junction Temperature [° C]
5mA load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com