Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 10 Page - California Micro Devices Corp

Part # CMPWR280
Description  1.5A SMARTOR Dual Regulator with Vaux Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR280 Datasheet(HTML) 10 Page - California Micro Devices Corp

Back Button CMPWR280 Datasheet HTML 2Page - California Micro Devices Corp CMPWR280 Datasheet HTML 3Page - California Micro Devices Corp CMPWR280 Datasheet HTML 4Page - California Micro Devices Corp CMPWR280 Datasheet HTML 5Page - California Micro Devices Corp CMPWR280 Datasheet HTML 6Page - California Micro Devices Corp CMPWR280 Datasheet HTML 7Page - California Micro Devices Corp CMPWR280 Datasheet HTML 8Page - California Micro Devices Corp CMPWR280 Datasheet HTML 9Page - California Micro Devices Corp CMPWR280 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR280
10
Fig 3.2. Output Voltage (Rated) vs. Temperature. This
shows the regulator steady state performance when fully
loaded (1.5A) in an ambient temperature up to the rated
maximum of 70°C. The output variation at maximum load is
about 13mV across the normal temperature operating.
Fig 3.3. Thresholds vs. Temperature. This shows the
regulator select/deselect threshold variation up to the
maximum rated junction temperature. The overall 125°C
change in junction temperature causes a 30mV variation in
the select threshold voltage (regulator enable). The deselect
threshold level varies about 30mV over the 125°C change in
junction temperature. The hysteresis remains essentially
constant over the entire temperature range.
Typical Thermal Characteristics cont’d
Fig 3.3. Thresholds vs. Temperature
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
-25
0
25
50
75
100
125
150
Junction Temperature [°C]
Vselect
Vdeselect
Fig 3.2. Output Voltage (Rated) vs.
Temperature
3.260
3.280
3.300
3.320
3.340
0
10
2030
4050
6070
Ambient Temperature [° C]
1.5A load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com