Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR280
Description  1.5A SMARTOR Dual Regulator with Vaux Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR280 Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CMPWR280 Datasheet HTML 2Page - California Micro Devices Corp CMPWR280 Datasheet HTML 3Page - California Micro Devices Corp CMPWR280 Datasheet HTML 4Page - California Micro Devices Corp CMPWR280 Datasheet HTML 5Page - California Micro Devices Corp CMPWR280 Datasheet HTML 6Page - California Micro Devices Corp CMPWR280 Datasheet HTML 7Page - California Micro Devices Corp CMPWR280 Datasheet HTML 8Page - California Micro Devices Corp CMPWR280 Datasheet HTML 9Page - California Micro Devices Corp CMPWR280 Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR280
6
The transient characterization test setup shown below includes
the effective source impedance of the V
CC supply (RS). This
was measured to be approximately 0.1Ω. It is recommended
that this effective source impedance be no greater than 0.15Ω
to ensure precise switching is maintained during V
CC selection
and deselection.
Both the rise and fall times during V
CC power-up/down
sequencing were controlled to be around 10 milliseconds
duration. This is considered to represent worst case conditions
for most application circuits.
During a selection or deselection transition the DC load current
is switching from V
AUX to VCC and vice versa, or from VSBY to
V
CC. In addition to the normal load current there may also
be an in-rush current for charging/discharging the load
capacitor.
The total current pulse being applied to either V
AUX or VCC is
equal to the sum of the dc load and the corresponding in-
rush current. Transient currents in excess of one amp can
readily occur for brief intervals when either supply
commences to power the load.
V
CC Load Transient Response is shown for a step load
from 15mA to 1500mA. An overshoot of approximately
300mV is observed, before settling within 3us.
Typical Transient Characteristics
V
CC Load Transient Response
V
SBY Load Transient Response is shown for a step load from
5mA to 375mA. An overshoot of approximately 100mV is
observed, before settling within 1us.
V
SBY Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com