Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR280 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR280
Description  1.5A SMARTOR Dual Regulator with Vaux Drive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR280 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR280 Datasheet HTML 1Page - California Micro Devices Corp CMPWR280 Datasheet HTML 2Page - California Micro Devices Corp CMPWR280 Datasheet HTML 3Page - California Micro Devices Corp CMPWR280 Datasheet HTML 4Page - California Micro Devices Corp CMPWR280 Datasheet HTML 5Page - California Micro Devices Corp CMPWR280 Datasheet HTML 6Page - California Micro Devices Corp CMPWR280 Datasheet HTML 7Page - California Micro Devices Corp CMPWR280 Datasheet HTML 8Page - California Micro Devices Corp CMPWR280 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
3/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR280
3
Interface Signals
V
CC is the primary 5V power supply for the internal regulator.
Whenever V
CC exceeds VCCSEL (4.5V), the internal regulator
(1500mA) will be enabled and deliver a fixed 3.3V at V
OUT.
When V
CC falls below VCCDES (4.1V typically) the regulator
will be disabled.
Internal loading on this pin is typically 1.5mA when the
regulator is enabled, which reduces to 0.2mA whenever
the regulator is disabled. If V
CC falls below either the VSBY or
V
OUT voltage, the loading on VCC will reduce to only a few
microamperes.
During a V
CC power up sequence, there will be an effective
step increase in V
CC line current when the regulator is enabled.
The amplitude of this step increase will depend on the dc
load current and any current required for charging/
discharging the load capacitance. This line current transient
will cause a voltage disturbance at the V
CC pin proportional
to the effective power supply source impedance being
delivered to the V
CC input.
To prevent chatter during Select and Deselect transitions, a
built-in hysteresis voltage of 400mV has been incorporated.
It is recommended that the power supply connected to the
V
CC input should have a source impedance of less than 0.15Ω
to minimize the chatter during the enabling/disabling of
the regulator.
V
SBY is the standby 5V supply power source, which is only
selected on when V
CC < VCCDES. If VSBY is selected, the
regulator can deliver a maximum of 375mA load current.
Whenever V
SBY exceeds both VCC and VOUT, it will be used to
provide all the internal bias currents and any necessary
regulator current.
GND is the reference for all voltages. The current that flows
in the ground connection is very low (typically 2.0mA) and
has minimal variation over all load conditions
V
OUT is the regulator output voltage connection used to power
the load. An output capacitor of ten microfarads is used to
provide the necessary phase compensation, thereby preventing
oscillation. This capacitor also helps to minimize the peak
output disturbance during power supply changeover.
When both V
CC and VSBY fall below VOUT, VOUT will be used to
provide the necessary quiescent current for the internal
reference circuits. This ensures excellent start-up characteristics
for the regulator.
Drive is an active LOW logic output intended to be used as
the control signal for driving an external P-channel MOSFET
switch whenever the regulator is disabled. This will allow the
voltage at V
OUT to be powered from an auxiliary supply voltage
(3.3V).
The Drive pin is pulled HIGH to V
CC whenever the regulator is
enabled, thus ensuring that the auxiliary supply remains isolated
during normal regulator operation.
s
n
o
i
t
c
n
u
F
n
i
P
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
V YB
S
V
n
e
h
w
)
A
m
5
7
3
(
r
o
t
a
l
u
g
e
r
l
a
n
r
e
t
n
i
r
e
w
o
p
o
t
d
e
s
U
.t
u
p
n
i
y
l
p
p
u
S
V
5
e
v
it
is
o
P
y
b
d
n
a
t
S
C
C
t
o
n
si
.
e
l
b
a
li
a
v
a
V C
C
V
r
e
v
e
n
e
h
w
)
A
5
.
1
(
r
o
t
a
l
u
g
e
r
l
a
n
r
e
t
n
i
e
h
t
s
r
e
w
o
P
.t
u
p
n
i
y
l
p
p
u
S
V
5
e
v
it
is
o
P
n
i
a
M
C
C
t
c
e
l
e
s
e
h
t
s
d
e
e
c
x
e
)
V
5
.
4
y
ll
a
c
i
p
y
t(
d
l
o
h
s
e
r
h
t
D
N
G.
s
e
g
a
tl
o
v
ll
a
r
o
f
e
c
n
e
r
e
f
e
R
d
n
u
o
r
G
V T
U
O
.)
V
3
.
3
(
e
g
a
tl
o
v
t
u
p
t
u
o
r
o
t
a
l
u
g
e
R
e
v
ir
D
l
a
n
r
e
t
n
i
e
h
t
r
e
v
e
n
e
h
w
t
u
p
t
u
o
W
O
L
e
v
it
c
A
.
h
c
ti
w
s
y
r
a
il
i
x
u
a
l
a
n
r
e
t
x
e
g
n
il
l
o
rt
n
o
c
r
o
f
l
a
n
g
is
c
i
g
o
L
.
d
e
l
b
a
si
d
si
r
o
t
a
l
u
g
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com