Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300 Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CMPWR300
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300 Datasheet(HTML) 4 Page - California Micro Devices Corp

  CMPWR300 Datasheet HTML 1Page - California Micro Devices Corp CMPWR300 Datasheet HTML 2Page - California Micro Devices Corp CMPWR300 Datasheet HTML 3Page - California Micro Devices Corp CMPWR300 Datasheet HTML 4Page - California Micro Devices Corp CMPWR300 Datasheet HTML 5Page - California Micro Devices Corp CMPWR300 Datasheet HTML 6Page - California Micro Devices Corp CMPWR300 Datasheet HTML 7Page - California Micro Devices Corp CMPWR300 Datasheet HTML 8Page - California Micro Devices Corp CMPWR300 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR300
4
Typical DC Characteristics
Unless stated otherwise, all DC characteristics were measured at room temperature with a nominal V
CC supply voltage of 5.0
volts and an output capacitance of 10µF.
Fig 1.1.
Line regulation of the regulator is shown here. At maximum
rated load conditions (500mA), a 100mV drop in regulation
occurs when the line voltage falls below 3.8V. For light load
conditions (100mA), regulation is maintained for line voltages
as low as 3.5V.
In normal operation the regulator is deselected at 4.2V, which
ensures a regulation output drop of less than 100mV is
maintained.
Fig 1.2.
Load regulation (pulse condition) performance is shown up
to and beyond the rated load. A change in load from 10%
to 100% of rated (50mA to 500mA) results in an output
voltage change of about 20mV. This translates into an
effective output impedance of less than 50mΩ.
Fig 1.3.
V
AUX Switch Resistance is shown across a broad range of
V
AUX supply level. From 2.7V and 3.6V, it only varies from
about 130mΩ down to 110mΩ.
Fig 1.2. Load Regulation (pulse condition)
3.24
3.26
3.28
3.30
3.32
3.34
3.36
0
200
400
600
800
Load Current [mA]
Fig 1.1. Line Regulation
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.0
3.5
4.0
4.5
5.0
Vcc [V]
100mA load
500mA load
Fig 1.3. Vaux Switch Resistance vs. Vaux
60
80
100
120
140
160
180
200
2.7
3
3.3
3.6
Vaux [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com