Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR300
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR300 Datasheet HTML 1Page - California Micro Devices Corp CMPWR300 Datasheet HTML 2Page - California Micro Devices Corp CMPWR300 Datasheet HTML 3Page - California Micro Devices Corp CMPWR300 Datasheet HTML 4Page - California Micro Devices Corp CMPWR300 Datasheet HTML 5Page - California Micro Devices Corp CMPWR300 Datasheet HTML 6Page - California Micro Devices Corp CMPWR300 Datasheet HTML 7Page - California Micro Devices Corp CMPWR300 Datasheet HTML 8Page - California Micro Devices Corp CMPWR300 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR300
3
Interface Signals
V
CC is the primary power source which is given priority when
present. If this connection is made within a few inches of
the main input filter, a bypass capacitor may not be necessary.
Otherwise a bypass filter capacitor in the range of 1µF to
10µF will ensure adequate filtering.
The voltage level on V
CC is compared to an internal threshold
voltage to determine which power source is to be selected.
In order to prevent regulator dropout from occurring, the
threshold has been programmed to ensure V
CC is deselected
prior to dropout, which prevents loss of output regulation
when switching between V
CC and VSBY. Typically the threshold
is set to 4.2V. Once V
CC falls below this level, the output
voltage is immediately derived from the auxiliary power
source. To prevent chatter during this transition, the threshold
has a built-in hysteresis of 300mV which results in only V
CC
being selected once the voltage level exceeds 4.50V
(typically).
V
SBY is the standby 5V supply power source, which is given
priority when V
CC is not present. The internal regulator will
remain enabled until such time that V
SBY falls below the
disable threshold level (4.2V typically). If the V
SBY connection
is made within a few inches of the main input filter, a bypass
capacitor may not be necessary. Otherwise a bypass filter
capacitor in the range of 1µF to 10µF will ensure adequate
filtering.
V
AUX is the auxiliary low voltage power source. This supply
is only used when neither the V
CC nor VSBY is available. Under
these conditions an internal switch is enabled and provides
a very low impedance connection directly between V
OUT
and V
AUX.
V
OUT is the output voltage. Power is provided from the
regulator or via the low impedance auxiliary switch. This
output requires a capacitance of 10µF to ensure regulator
stability and minimize the peak output disturbance during
power supply changeover.
GND provides the reference for all voltages.
S
L
A
N
G
I
S
E
C
A
F
R
E
T
N
I
n
i
Pl
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
1V YB
S
V
n
e
h
w
r
o
t
a
l
u
g
e
r
r
o
f
t
u
p
n
i
)
V
5
(
e
g
a
tl
o
v
y
l
p
p
u
s
y
b
d
n
a
t
S
C
C
.
V
2
.
4
w
o
l
e
b
sl
l
a
f
2V C
C
.r
o
t
a
l
u
g
e
r
r
o
f
t
u
p
n
i
)
V
5
(
e
g
a
tl
o
v
y
l
p
p
u
s
y
r
a
m
ir
P
3V T
U
O
V
r
e
h
ti
e
n
e
h
w
r
o
t
a
l
u
g
e
r
)
V
3
.
3
(
t
u
p
t
u
o
e
g
a
tl
o
v
r
o
t
a
l
u
g
e
R
C
C
V
r
o
Y
B
S
.t
n
e
s
e
r
p
si
4V X
U
A
.
h
c
ti
w
s
e
c
n
e
d
e
p
m
i
w
o
l
r
o
f
t
u
p
n
i
)
V
3
.
3
(
e
g
a
tl
o
v
y
l
p
p
u
s
y
r
a
il
i
x
u
A
8
-
5D
N
G.
s
e
g
a
tl
o
v
ll
a
r
o
f
e
c
n
e
r
e
f
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com