Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMPWR300
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMPWR300 Datasheet HTML 1Page - California Micro Devices Corp CMPWR300 Datasheet HTML 2Page - California Micro Devices Corp CMPWR300 Datasheet HTML 3Page - California Micro Devices Corp CMPWR300 Datasheet HTML 4Page - California Micro Devices Corp CMPWR300 Datasheet HTML 5Page - California Micro Devices Corp CMPWR300 Datasheet HTML 6Page - California Micro Devices Corp CMPWR300 Datasheet HTML 7Page - California Micro Devices Corp CMPWR300 Datasheet HTML 8Page - California Micro Devices Corp CMPWR300 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2000 Calirornia Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CALIFORNIA MICRO DEVICES
CMPWR300
5
Fig 1.4.
Ground Current is shown across the entire range of load
conditions. The ground current has minimal variation
across the range of load conditions and shows only a
slight increase at maximum load due to the current limit
protection circuitry.
Fig 1.5.
V
CC Supply Current of the device is shown across the
entire V
CC range for both VAUX present (3.3V) and absent
(0V).
In the absence of V
AUX, the supply current remains fixed
at approximately 1mA when V
CC reaches the voltage level
of about 2.5V. At this point the regulator is enabled and
a supply current of 1.0mA is conducted.
When V
AUX is present, the VCC supply current is less than
10uA until V
CC exceeds VAUX, at which point VCC then
powers the controller (0.15mA). When V
CC reaches VSELECT,
the regulator is enabled.
Fig 1.4. Ground Current
0.0
0.5
1.0
1.5
2.0
0
100
200
300
400
500
Load Current [mA]
Fig 1.5. Vcc Supply Current (No Load)
10
100
1000
10000
12
3
4
5
Vcc [V]
Vaux = 0V
Vaux = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com