Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMPWR300
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMPWR300 Datasheet HTML 1Page - California Micro Devices Corp CMPWR300 Datasheet HTML 2Page - California Micro Devices Corp CMPWR300 Datasheet HTML 3Page - California Micro Devices Corp CMPWR300 Datasheet HTML 4Page - California Micro Devices Corp CMPWR300 Datasheet HTML 5Page - California Micro Devices Corp CMPWR300 Datasheet HTML 6Page - California Micro Devices Corp CMPWR300 Datasheet HTML 7Page - California Micro Devices Corp CMPWR300 Datasheet HTML 8Page - California Micro Devices Corp CMPWR300 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR300
2
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
r
e
t
e
m
a
r
a
Pg
n
it
a
Rti
n
U
)
M
B
H
(
n
o
it
c
e
t
o
r
P
D
S
E0
0
0
2V
V C
C
V Y
B
S
e
g
a
tl
o
V
t
u
p
n
I5
.
0
-
d
n
G
,
0
.
6
+V
V X
U
A
e
g
a
tl
o
V
t
u
p
n
I5
.
0
-
d
n
G
,
0
.
4
+V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
1
+
o
t
0
4
-
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O0
7
+
o
t
0
oC
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O5
2
1
+
o
t
0
:
n
o
it
a
p
is
si
D
r
e
w
o
P
1
e
t
o
N
0
.
1W
S
N
O
I
T
I
D
N
O
C
G
N
I
T
A
R
E
P
O
r
e
t
e
m
a
r
a
Pe
g
n
a
Rti
n
U
V ,C
C V Y
B
S
5
2
.
0
±
0
.
5V
V X
U
A
3
.
0
±
3
.
3V
)t
n
e
i
b
m
A
(
e
r
u
t
a
r
e
p
m
e
T0
7
+
o
t
0
oC
t
n
e
r
r
u
C
d
a
o
L0
0
5
o
t
0A
m
C TX
E
%
0
1
±
0
1
mF
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
T
A
R
E
P
O
L
A
C
I
R
T
C
E
L
E
)
e
s
i
w
r
e
h
t
o
d
e
i
f
i
c
e
p
s
s
s
e
l
n
u
s
n
o
i
t
i
d
n
o
c
g
n
i
t
a
r
e
p
o
r
e
v
o
(
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CN
I
MP
Y
TX
A
MT
I
N
U
V T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
r
o
t
a
l
u
g
e
RI
>
A
m
0
0
5
D
A
O
L
A
m
0
>5
3
1
.
30
3
.
35
6
4
.
3V
I T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
r
o
t
a
l
u
g
e
R
0
0
50
0
8A
m
V
D
A
O
L
R
n
o
it
a
l
u
g
e
R
d
a
o
LV C
C
I
,
V
5
=
D
A
O
L
A
m
0
0
5
o
t
A
m
0
5
=0
2V
m
V
E
N
IL
R
n
o
it
a
l
u
g
e
R
e
n
i
LV C
C
I
,
V
5
.
5
o
t
V
5
.
4
=
D
A
O
L
A
m
5
=2
V
m
V
L
E
S
C
C
V C
C
e
g
a
tl
o
V
t
c
e
l
e
S
0
5
.
40
6
.
4
V
S
E
D
C
C
V C
C
e
g
a
tl
o
V
t
c
e
l
e
s
e
DV Y
B
S >V
S
E
D
Y
B
S
r
oV X
U
A
t
n
e
s
e
r
p0
9
.
30
2
.
4V
V
L
E
S
Y
B
S
V Y
B
S
e
g
a
tl
o
V
t
c
e
l
e
SV C
C <V
S
E
D
C
C
0
5
.
40
6
.
4
V
S
E
D
Y
B
S
V Y
B
S
e
g
a
tl
o
V
t
c
e
l
e
s
e
DV X
U
A
t
n
e
s
e
r
p0
9
.
30
2
.
4
V TS
Y
H
:
e
g
a
tl
o
V
si
s
e
r
e
t
s
y
H
2
e
t
o
N
V
o
t
s
e
il
p
p
A
C
C
V
d
n
a
Y
B
S
n
o
it
c
e
l
e
s0
3
.
0
R W
S
e
c
n
a
t
si
s
e
R
h
c
ti
w
S
y
r
a
il
i
x
u
AV
Y
B
S
/
C
C
d
e
t
c
e
l
e
s
e
d
e
r
a2
1
.
02
.
0
I C/
S
t
n
e
r
r
u
C
ti
u
c
ri
C
t
r
o
h
SV
Y
B
S
/
C
C
V
,
V
5
=
T
U
O
V
0
=0
0
0
2A
m
I C
C
R
V C
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
n
i
Pd
n
u
o
r
g
o
t
n
e
k
a
t
t
u
p
n
i
y
l
p
p
u
s
e
n
O
I YB
S
R
V YB
S
e
g
a
k
a
e
L
e
s
r
e
v
e
R
n
i
Pl
a
m
r
o
n
t
a
n
i
a
m
e
r
s
r
e
h
t
o
e
h
t
e
li
h
w5
0
5
µA
I X
U
A
R
V X
U
A
e
g
a
k
a
e
L
e
s
r
e
v
e
R
n
i
Pe
g
a
tl
o
v
I C
C
V C
C
t
n
e
rr
u
C
y
l
p
p
u
SV C
C
V
>
,L
E
S
C
C
I D
A
O
L
A
m
0
=0
.
10
.
3
V
n
e
h
w
(
C
C
)t
n
e
s
e
r
p
t
o
n
siV
S
E
D
C
C
V
> C
C
V
>
T
U
O
5
1
.
05
2
.
0A
m
V T
U
O
V
> C
C
1
0
.
02
0
.
0
I YB
S
V YB
S
t
n
e
rr
u
C
y
l
p
p
u
SV YB
S
V
>
,L
E
S
Y
B
S
I D
A
O
L
A
m
0
=0
.
10
.
3
V
n
e
h
w
(
C
C
)t
n
e
s
e
r
p
t
o
n
siV
S
E
D
Y
B
S
V
>
Y
B
S
V
>
T
U
O
5
1
.
05
2
.
0A
m
V T
U
O
V
>
Y
B
S
1
0
.
02
0
.
0
I X
U
A
V X
U
A
t
n
e
rr
u
C
y
l
p
p
u
SV C
C
V
r
o
Y
B
S
V
>
T
U
O
5
0
.
01
.
0A
m
V C
C
V
d
n
a
Y
B
S <V T
U
O
2
.
04
.
0
I D
N
G
:t
n
e
rr
u
C
d
n
u
o
r
G
3
e
t
o
N
V
h
t
o
B
C
C
V
d
n
a
Y
B
S
n
o
it
c
e
l
e
d
e
r
a5
1
.
00
3
.
0
V C
C / Y
B
S
,
V
5
=I D
A
O
L
A
m
0
=0
.
10
.
3A
m
V C
C / Y
B
S
,
V
5
=I D
A
O
L
A
m
0
0
5
=2
.
15
.
3
Note 1: The thermal resistance from junction to ambient (θJA) must be less than 55° C/W. This is typically achieved with 2 square inches of
copper printed circuit board area connected to the GND pins for heat spreading, or equivalent.
Note 2: The hysteresis defines the maximum level of acceptable disturbance on
V
CC during switching.
Note 3: Ground current consists of controller current and regulator current if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com