Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR300 Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMPWR300
Description  500mA SMARTOR Dual Regulator with V switch?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR300 Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CMPWR300 Datasheet HTML 2Page - California Micro Devices Corp CMPWR300 Datasheet HTML 3Page - California Micro Devices Corp CMPWR300 Datasheet HTML 4Page - California Micro Devices Corp CMPWR300 Datasheet HTML 5Page - California Micro Devices Corp CMPWR300 Datasheet HTML 6Page - California Micro Devices Corp CMPWR300 Datasheet HTML 7Page - California Micro Devices Corp CMPWR300 Datasheet HTML 8Page - California Micro Devices Corp CMPWR300 Datasheet HTML 9Page - California Micro Devices Corp CMPWR300 Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CALIFORNIA MICRO DEVICES
©2000 California Micro Devices Corp. All rights reserved.
12/5/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
CMPWR300
6
The transient characterization test setup shown below includes
the effective source impedance of the V
CC supply (RS). This
was measured to be approximately 0.2Ω. It is recommended
that this effective source impedance be no greater than 0.25Ω
to ensure precise switching is maintained during V
CC selection
and deselection.
Both the rise and fall times during V
CC power-up/down
sequencing were controlled to be around 10 millisecond
duration. This is considered to represent worst case conditions
for most application circuits.
A maximum rated load current of 500mA was used during
characterization, unless specified otherwise.
During a selection or deselection transition the DC load current
is switching from V
AUX to VCC and vice versa, or from VSBY to
V
CC. In addition to the normal load current there may also
be an in-rush current for charging/discharging the load
capacitor. The total current pulse being applied to either
V
AUX or VCC is equal to the sum of the dc load and the
corresponding in-rush current. Transient currents in excess
of one amp can readily occur for brief intervals when either
supply commences to power the load.
The oscilloscope traces of V
CC power-up/down show the full
bandwidth response at the V
CC and VOUT pins under full load
(500mA) conditions.
See Application note AP-211 for more details.
Cold Start and Full Power Down (Fig 2.1 to 2.6)
Cold start power up and power down from V
CC, VSBY and
V
AUX. The output voltage follows the input very smoothly
with no disturbance. As soon as the V
CC or VSBY input voltage
reaches about 2V, V
OUT starts rising. It reaches 3.3V when
V
CC or VSBY equals 3.8V. VOUT remains valid until VCC or VSBY
drops below 3.8V.
V
CC Power Changeover (Fig 2.7 to 2.12)
Power transitions between the main V
CC and the standby or
the auxiliary sources under 375mA load. The transition
between V
CC and VSBY shows a small disturbance of 80mV
on V
OUT.
Transitions between V
CC and VAUX show a disturbance of
about 120mV on V
OUT. During power up condition, VCC
experiences 100mV disturbance.
This is due to the in-rush current during the power switching.
The built-in hysteresis of 300mV ensures the regulator
remains turned on throughout the transient.
Load and Line Transient Response (Fig 2.13 to 2.16)
The load transient response shows a 5mA to 500mA step
load with minimal disturbance on V
OUT of 80mV. An initial
transient overshoot of 80mV occurs and the output settles
to its final voltage within a few microseconds. The dc voltage
disturbance on the output is approximately 25mV, which
demonstrates the regulator output impedance of 50mW.
The line step response shows a small disturbance of 25mV
on the output when V
CC steps from 4.5V to 5.5V. When
falling from 5.5V to 4.5V, the output is almost unchanged
Typical Transient Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com