Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV1010YR Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CMV1010YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1010YR Datasheet(HTML) 5 Page - California Micro Devices Corp

  CMV1010YR Datasheet HTML 1Page - California Micro Devices Corp CMV1010YR Datasheet HTML 2Page - California Micro Devices Corp CMV1010YR Datasheet HTML 3Page - California Micro Devices Corp CMV1010YR Datasheet HTML 4Page - California Micro Devices Corp CMV1010YR Datasheet HTML 5Page - California Micro Devices Corp CMV1010YR Datasheet HTML 6Page - California Micro Devices Corp CMV1010YR Datasheet HTML 7Page - California Micro Devices Corp CMV1010YR Datasheet HTML 8Page - California Micro Devices Corp CMV1010YR Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
CALIFORNIA MICRO DEVICES
CMV1010
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
G
N
I
T
A
R
E
P
O
L
A
C
I
R
T
C
E
L
E
V
5
M
1
>
L
R
,
V
0
=
-
V
,
V
5
=
+
V
,
C
°
5
2
=
j
T
d
e
i
f
i
c
e
p
s
e
s
i
w
r
e
h
t
o
s
s
e
l
n
U
(
Ω)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cp
y
Tt
i
m
i
Lt
i
n
U
V
S
O
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
IV
T
U
O
V
5
.
2
=5
V
m
I
B
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
1A
p
I
S
O
t
n
e
r
r
u
C
t
e
s
f
f
O
t
u
p
n
I
5
.
0A
p
R
N
I
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
1T
I
S
t
n
e
r
r
u
C
y
l
p
p
u
S
0
60
0
1A
µ
W
B
Gt
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
G
1z
H
M
A
V
n
i
a
G
e
g
a
t
l
o
V
l
a
n
g
i
S
e
g
r
a
LV
T
U
O
V
8
.
4
o
t
V
2
.
0
=0
90
7B
d
R
Se
t
a
R
w
e
l
SA
V = −
K
0
0
1
=
L
R
,
16
.
05
2
.
0s
µ
/
V
R
R
S
Po
i
t
a
R
n
o
i
t
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
PV
8
.
2
o
t
V
5
.
2
=
+
V
V
− = −
o
t
V
5
.
2
V
8
.
2
V
0
=
M
C
V
0
85
5B
d
R
R
M
Co
i
t
a
R
n
o
i
t
c
e
j
e
R
e
d
o
M
n
o
m
m
o
CV
4
<
M
C
V
<
V
00
70
5B
d
V
M
C
e
g
n
a
R
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
0
3
.
4
V
D
H
Tn
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
TA
V = −
V
,
z
H
K
1
=
f
,
1
T
U
O
p
-
p
V
4
=
K
0
0
1
=
L
R
2
0
.
0%
I
C
S
t
n
e
r
r
u
C
t
i
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
Ok
n
i
S
/
e
c
r
u
o
S5
2A
m
V
O
li
a
r
r
e
h
t
i
e
m
o
r
f
g
n
i
w
S
t
u
p
t
u
OK
0
1
=
L
R0
20
5
1V
m



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com