Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV1010YR Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMV1010YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1010YR Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CMV1010YR Datasheet HTML 2Page - California Micro Devices Corp CMV1010YR Datasheet HTML 3Page - California Micro Devices Corp CMV1010YR Datasheet HTML 4Page - California Micro Devices Corp CMV1010YR Datasheet HTML 5Page - California Micro Devices Corp CMV1010YR Datasheet HTML 6Page - California Micro Devices Corp CMV1010YR Datasheet HTML 7Page - California Micro Devices Corp CMV1010YR Datasheet HTML 8Page - California Micro Devices Corp CMV1010YR Datasheet HTML 9Page - California Micro Devices Corp CMV1010YR Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
6
CALIFORNIA MICRO DEVICES
CMV1010
R
L = 1MEG
R
L = 100K
R
L = 10K
V+ = 5V
V- = 0V
T
A = 25°C
Open Loop Voltage Gain Response
Frequency(Hz)
V+ = 5V
V- = 0V
T
A = 25°C
R
L = 1MEG
R
L = 100K
R
L = 10K
Open Loop Phase Response
Frequency(Hz)
V+ = 5V
V- = 0V
R
L = 100KΩ
T
A = 25°C
Large Signal Pulse Response
Time(
µs)
Supply Current Versus Supply Voltage
T
A = 85ºC
T
A = 25ºC
T
A = -40ºC
Supply Voltage(V)
Non Inverting Small Signal Response
V+ = 5V
V- = 0V
T
A = 25°C
R
L = 100K
R
L = 10K
Time(
µs)
Inverting Small Signal Response
V+ = 5V
V- = 0V
T
A = 25°C
R
L = 100K
R
L = 10K
Time(
µµs)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com