Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV1010YR Datasheet(PDF) 9 Page - California Micro Devices Corp

Part # CMV1010YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1010YR Datasheet(HTML) 9 Page - California Micro Devices Corp

Back Button CMV1010YR Datasheet HTML 2Page - California Micro Devices Corp CMV1010YR Datasheet HTML 3Page - California Micro Devices Corp CMV1010YR Datasheet HTML 4Page - California Micro Devices Corp CMV1010YR Datasheet HTML 5Page - California Micro Devices Corp CMV1010YR Datasheet HTML 6Page - California Micro Devices Corp CMV1010YR Datasheet HTML 7Page - California Micro Devices Corp CMV1010YR Datasheet HTML 8Page - California Micro Devices Corp CMV1010YR Datasheet HTML 9Page - California Micro Devices Corp CMV1010YR Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
9
CALIFORNIA MICRO DEVICES
CMV1010
perfected by TV technicians in the 1950’s. A gimmick
is made by taking two lengths (typically about a foot)
of small gauge wire such as AWG24, twisting them
together, and then after baring all ends soldering the
gimmick across R
F. With the circuit operating, CF is
"adjusted" by clipping short lengths of the gimmick off
until the compensation is nominal. Then simply
remove the gimmick, take it to an impedance bridge,
and select the capacitor accordingly.
Figure 2
4. Capacitive Load Considerations
The CMV1010 is capable of driving capacative loads
in excess of 100pF without oscillation. However,
significant peaking will result. Probably the easiest
way minimize this problem is to use an isolation
resistor as shown in Figure 3.
Figure 3
5. Power Supply Decoupling
The CMV1010 is not prone to oscillation without the
use of power supply decoupling capacitors, however to
minimize hum and noise pick-up, it is recommended
that the rails be bypassed with 0.01µF capacitors.
6. Typical Applications
Operational amplifiers have been used for years to
generate frequency stable oscillators, but the circuit
shown in Figure 4 provides a stable frequency operat-
ing from a single supply voltage and drawing a mere
40µA. For (R
1 + R2) ÷ R1 = 0.473,
the period, T, of the
oscillator is given by:
T = 2 R
F C1
Where: R
F is the feedback resistor
C
1 is the capacitor
The period is easily adjusted by varying R
F.
R
3
ensures that the circuit will start on a single rail by
forcing A
1’s output to the positive rail. R4’s value is not
critical but should be a factor of 10 greater than the
parallel combination of R
1 and R2. The circuit lends
itself to a variety of applications such as battery
operated toys where a stable frequency is required and
low supply current is a must to maintain battery life.
Figure 4
Personal Computers including laptops are available
with sophisticated and high quality audio capabilities.
Battery conservation is a key issue with laptop
computers, and the circuit in Figure 5 utilizes the low
supply current of the CMV1010, its rail to rail output
voltage swing, and its high output current drive to
provide the interface to the microphone input. A
1 is
used to provide the common mode bias for A
2 by
buffering the V
REF output (typically 2.2 volts) of the
Codec and to supply bias to the microphone. R
1 should
be selected for the appropriate bias for the micro-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com