Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV1010YR Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CMV1010YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1010YR Datasheet(HTML) 2 Page - California Micro Devices Corp

  CMV1010YR Datasheet HTML 1Page - California Micro Devices Corp CMV1010YR Datasheet HTML 2Page - California Micro Devices Corp CMV1010YR Datasheet HTML 3Page - California Micro Devices Corp CMV1010YR Datasheet HTML 4Page - California Micro Devices Corp CMV1010YR Datasheet HTML 5Page - California Micro Devices Corp CMV1010YR Datasheet HTML 6Page - California Micro Devices Corp CMV1010YR Datasheet HTML 7Page - California Micro Devices Corp CMV1010YR Datasheet HTML 8Page - California Micro Devices Corp CMV1010YR Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
CALIFORNIA MICRO DEVICES
CMV1010
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating conditions indicate ratings for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the
test conditions, see the Electrical Operating Characteristics.
Note 2: Human Body Model, 1.5K
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short ckt operation at elevated ambient temperatures can
result in exceeding the maximum allowed junction temperature of 150°C.
Note 4: The maximum power dissipation is a function of TJ (MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is P
D = (TJ (MAX) - TA)/ θJA . All numbers apply for packages soldered directly to a PC board.
)
e
s
i
w
r
e
h
t
o
d
e
i
f
i
c
e
p
s
s
s
e
l
n
u
(
S
N
O
I
T
I
D
N
O
C
G
N
I
T
A
R
E
P
O
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
S7
o
t
8
.
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
5
8
o
t
0
4
C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T5
2
3W
/
C
°
)
1
E
T
O
N
(
S
G
N
I
T
A
R
M
U
M
I
X
A
M
E
T
U
L
O
S
B
A
r
e
t
e
m
a
r
a
Pg
n
i
t
a
Rt
i
n
U
)
2
e
t
o
N
,
M
B
H
(
n
o
i
t
c
e
t
o
r
P
D
S
E0
0
0
2V
e
g
a
t
l
o
V
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D/
+
e
g
a
t
l
o
V
y
l
p
p
u
SV
n
i
P
t
u
p
t
u
o
/
t
u
p
n
i
t
a
e
g
a
t
l
o
VV
(
,
3
.
0
+
)
+
V
(
−) − 3
.
0V
e
g
a
r
o
t
S
:
e
r
u
t
a
r
e
p
m
e
T
)
4
e
t
o
N
(
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
)
s
0
1
,
g
n
i
r
e
d
l
o
S
(
d
a
e
L
0
5
1
o
t
5
6
5
2
1
0
6
2
C
°
V
o
t
+
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
−)5
.
7V
n
i
P
t
u
p
n
I
t
a
t
n
e
r
r
u
C5
A
m
)
3
e
t
o
N
(
n
i
P
t
u
p
t
u
O
t
a
t
n
e
r
r
u
C5
1A
m
s
n
i
P
y
l
p
p
u
S
r
e
w
o
P
t
a
t
n
e
r
r
u
C5
1A
m



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com