Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV1010YR Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CMV1010YR
Description  MICROPOWER PRO OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMV1010YR Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CMV1010YR Datasheet HTML 2Page - California Micro Devices Corp CMV1010YR Datasheet HTML 3Page - California Micro Devices Corp CMV1010YR Datasheet HTML 4Page - California Micro Devices Corp CMV1010YR Datasheet HTML 5Page - California Micro Devices Corp CMV1010YR Datasheet HTML 6Page - California Micro Devices Corp CMV1010YR Datasheet HTML 7Page - California Micro Devices Corp CMV1010YR Datasheet HTML 8Page - California Micro Devices Corp CMV1010YR Datasheet HTML 9Page - California Micro Devices Corp CMV1010YR Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2000 California Micro Devices Corp. All rights reserved.
5/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8
CALIFORNIA MICRO DEVICES
CMV1010
Applications Information
1. Input Common Mode Range and Output
Voltage Considerations
The CMV1010 is capable of accommodating an input
common mode voltage equal to one volt below the
positive rail and all the way to the negative rail. It is
also capable of output voltages equal to both power
supply rails. Voltages that exceed the supply voltages
will not cause phase inversion of the output, however,
ESD diode clamps are provided at the inputs that can
be damaged if static currents in excess of ±5mA are
allowed to flow in them. This can occur when the
magnitude of input voltage exceeds the rail by more
than 0.3 volt. To preclude damage, an applications
resistor, R
S, in series with the input is recommended
as illustrated in Figure 1 whose value for R
S is given
by:
VIN – (V+ +0.3V)
R
S > —————————
5mA
For V+ (or V–) equal to 2.2 volts and V
IN equal to 10
volts, R
S should be chosen for a value of 2.5KΩ or
greater.
Figure 1.
2. Output Current and Power Dissipation
Considerations
The CMV1010 is capable of sinking and sourcing
output currents in excess of 7mA at voltages very
nearly equal to the rails. As such, it does not have any
internal short circuit protection (which would in any
event detract from its rail to rail capability). Although
the power dissipation and junction temperature rise are
small, a short analysis is worth investigating.
Obviously, the worst case from a power dissipation
point of view is when the output is shorted to either
ground in a single rail application or to the opposite
supply voltage in split rail applications. Since device
only draws 60
µA supply current (100µA maximum), its
contribution to the junction temperature, T
J, is negli-
gible. As an example, let us analyze a situation in
which the CMV1010 is operated from a 5 volt supply
and ground, the output is “programmed” to positive
saturation, and the output pin is indefinitely shorted to
ground. In general:
P
DISS = (V+ – VOUT)*IOUT + IS*V+
Where: P
DISS = Power dissipated by the chip
V+ = Supply voltage
V
OUT = The output voltage
I
S = Supply Current
The contribution to power dissipation due to supply
current is 200
µW and is indeed negligible as stated
above.
The primary contribution to power dissipation occurs in
the output stage. V+ – V
OUT would equal 5V – 0V = 5
V, and power dissipation would be equal to 35
µW.
T
J = TA + θJA* PDISS
Where: T
A
= The ambient temperature
θ
JA = The thermal impedance of the package
junction to ambient
The SOT23 exhibits a
θ
JA equal to 325°C/W. Thus for
our example the junction rise would be about 11.4
which is clearly not a destructive situation even under
an ambient temperature of 85°C.
3. Input Impedance Considerations
The CMV1010 exhibits an input impedance typically in
excess of 1 Tera
Ω (1 X 1012ohms) making it very
appropriate for applications involving high source
impedance such as photodiodes and high output
impedance transducers or long time constant integra-
tors. High source impedances usually dictate large
feedback resistors. But, the output capacitance of the
source in parallel with the input capacitance of the
CMV1010 (which is typically 3pF) create a parasitic
pole with the feedback resistor which erodes the
phase margin of the amplifier. The usual fix is to
bypass, R
F, as shown in Figure 2 with a small capaci-
tor to cancel the input pole. The usual formula for
calculating C
F always results in a value larger than that
is required:
1
1
—————— ± ——————
2
Π R
S CS
2
Π R
F CF
Since the parasitic capacitance can change between
the breadboard and the production printed circuit
board, we favor the use of a "gimmick", a technique



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com