Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5686 Datasheet HTML 6Page - Analog Devices AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices AD5686 Datasheet HTML 10Page - Analog Devices AD5686 Datasheet HTML 11Page - Analog Devices AD5686 Datasheet HTML 12Page - Analog Devices AD5686 Datasheet HTML 13Page - Analog Devices AD5686 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5686/AD5684
Data Sheet
Rev. A | Page 10 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 6. 16-Lead LFCSP Pin Configuration
Figure 7. 16-Lead TSSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
LFCSP
TSSOP
1
3
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
2
4
GND
Ground Reference Point for All Circuitry on the Part.
3
5
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply should be
decoupled with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND.
4
6
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
5
7
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
6
8
SDO
Serial Data Output. Can be used to daisy-chain a number of AD5686/AD5684 devices together or
can be used for readback. The serial data is transferred on the rising edge of SCLK and is valid on
the falling edge of the clock.
7
9
LDAC
LDAC can be operated in two modes, asynchronously and synchronously. Pulsing this pin low allows
any or all DAC registers to be updated if the input registers have new data. This allows all DAC outputs
to be simultaneously updated. This pin can also be tied permanently low.
8
10
GAIN
Span Set Pin. When this pin is tied to GND, all four DAC outputs have a span from 0 V to VREF. When
this pin is tied to VLOGIC, all four DAC outputs have a span from 0 V to 2 × VREF.
9
11
VLOGIC
Digital Power Supply. Voltage ranges from 1.8 V to 5.5 V.
10
12
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates of up to 50 MHz.
11
13
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC
goes low, data is transferred in on the falling edges of the next 24 clocks.
12
14
SDIN
Serial Data Input. These devices have a 24-bit input shift register. Data is clocked into the register on
the falling edge of the serial clock input.
13
15
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC
pulses are ignored. When RESET is activated, the input register and the DAC register are updated with
zero scale or midscale, depending on the state of the RSTSEL pin.
14
16
RSTSEL
Power-On Reset Pin. Tying this pin to GND powers up all four DACs to zero scale. Tying this pin to
VLOGIC powers up all four DACs to midscale.
15
1
VREF
Reference Input Voltage.
16
2
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
17
N/A
EPAD
Exposed Pad. The exposed pad must be tied to GND.
12
11
10
1
3
4
SDIN
SYNC
SCLK
9
VLOGIC
VOUTA
VDD
2
GND
VOUTC
AD5686/AD5684
NOTES
1. THE EXPOSED PAD MUST BE TIED TO GND.
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
VOUTB
VOUTA
GND
VOUTD
VOUTC
VDD
VREF
SDO
16
15
14
13
12
11
10
9
RESET
SDIN
SYNC
GAIN
LDAC
VLOGIC
SCLK
RSTSEL
TOP VIEW
(Not to Scale)
AD5686/
AD5684



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com