Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices AD5686 Datasheet HTML 24Page - Analog Devices AD5686 Datasheet HTML 25Page - Analog Devices AD5686 Datasheet HTML 26Page - Analog Devices AD5686 Datasheet HTML 27Page - Analog Devices AD5686 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5686/AD5684
Data Sheet
Rev. A | Page 24 of 28
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5686/AD5684 is via a
serial bus that uses a standard protocol that is compatible with
DSP processors and microcontrollers. The communications
channel requires a 3- or 4-wire interface consisting of a clock
signal, a data signal, and a synchronization signal. The devices
require a 24-bit data-word with data valid on the rising edge
of SYNC.
AD5686/AD5684 TO ADSP-BF531 INTERFACE
The SPI interface of the AD5686/AD5684 is designed to be
easily connected to industry-standard DSPs and micro-
controllers. Figure 43 shows the AD5686/AD5684 connected
to the Analog Devices, Inc., Blackfin® DSP. The Blackfin has an
integrated SPI port that can be connected directly to the SPI
pins of the AD5686/AD5684.
Figure 43. ADSP-BF531 Interface
AD5686/AD5684 TO SPORT INTERFACE
The Analog Devices ADSP-BF527 has one SPORT serial
port. Figure 44 shows how one SPORT interface can be used
to control the AD5686/AD5684.
Figure 44. SPORT Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consider-
ation of the power supply and ground return layout helps to
ensure the rated performance. The PCB on which the AD5686/
AD5684 are mounted should be designed so that the AD5686/
AD5684 lie on the analog plane.
The AD5686/AD5684 should have ample supply bypassing
of 10 µF in parallel with 0.1 µF on each supply, located as close
to the package as possible, ideally right up against the device.
The 10 µF capacitors are the tantalum bead type. The 0.1 µF
capacitor should have low effective series resistance (ESR)
and low effective series inductance (ESI), such as the common
ceramic types, which provide a low impedance path to ground
at high frequencies to handle transient currents due to internal
logic switching.
In systems where there are many devices on one board, it is
often useful to provide some heat sinking capability to allow
the power to dissipate easily.
The AD5686/AD5684 LFCSP models have an exposed pad
beneath the device. Connect this pad to the GND supply for the
part. For optimum performance, use special considerations to
design the motherboard and to mount the package. For
enhanced thermal, electrical, and board level performance,
solder the exposed pad on the bottom of the package to the
corresponding thermal land pad on the PCB. Design thermal
vias into the PCB land pad area to further improve heat
dissipation.
The GND plane on the device can be increased (as shown in
Figure 45) to provide a natural heat sinking effect.
Figure 45. Pad Connection to Board
ADSP-BF531
SYNC
SPISELx
SCLK
SCK
SDIN
MOSI
LDAC
PF9
RESET
PF8
AD5686/
AD5684
ADSP-BF527
SYNC
SPORT_TFS
SCLK
SPORT_TSCK
SDIN
SPORT_DTO
LDAC
GPIO0
RESET
GPIO1
AD5686/
AD5684
AD5686/
AD5684
GND
PLANE
BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com