Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5686 Datasheet HTML 17Page - Analog Devices AD5686 Datasheet HTML 18Page - Analog Devices AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices AD5686 Datasheet HTML 24Page - Analog Devices AD5686 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
AD5686/AD5684
Rev. A | Page 21 of 28
READBACK OPERATION
Readback mode is invoked through a software executable
readback command. If the SDO output is disabled via the daisy-
chain mode disable bit in the control register, it is automatically
enabled for the duration of the read operation, after which it is
disabled again. Command 1001 is reserved for the readback
function. This command, in association with selecting one
of the address bits, DAC A to DAC D, selects the register to
read. Note that only one DAC register can be selected during
readback. The remaining three address bits must be set to
Logic 0. The remaining data bits in the write sequence are
don’t care bits. If more than one or no bits are selected, DAC
Channel A is read back by default. During the next SPI write,
the data appearing on the SDO output contains the data from
the previously addressed register.
For example, to read back the DAC register for Channel A, the
following sequence should be implemented:
1. Write 0x900000 to the AD5686/AD5684 input register.
This configures the part for read mode with the DAC
register of Channel A selected. Note that all data bits,
DB15 to DB0, are don’t care bits.
2. Follow this with a second write, a NOP condition,
0x000000. During this write, the data from the register
is clocked out on the SDO line. DB23 to DB20 contain
undefined data, and the last 16 bits contain the DB19 to
DB4 DAC register contents.
POWER-DOWN OPERATION
The AD5686/AD5684 provide three separate power-down
modes (see Table 11). Command 0100 is designated for the power-
down function (see Table 8). These power-down modes are
software programmable by setting eight bits, Bit DB7 to Bit DB0,
in the input shift register. Two bits are associated with each DAC
channel. Table 11 shows how the state of the two bits corresponds
to the mode of operation of the device.
Table 11. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
Any or all DACs (DAC A to DAC D) can be powered down
to the selected mode by setting the corresponding bits. See
Table 12 for the contents of the input shift register during the
power-down/power-up operation.
When both Bit PDx1 and Bit PDx0 (where x is the channel
selected) in the input shift register are set to 0, the parts work
normally with their normal power consumption of 0.59 mA at
5 V. However, for the three power-down modes, the supply
current falls to 4 μA at 5 V. Not only does the supply current
fall, but the output stage is also internally switched from the
output of the amplifier to a resistor network of known values.
This has the advantage that the output impedance of the part is
known while the part is in power-down mode. There are three
different power-down options (see Table 11). The output is
connected internally to GND through either a 1 kΩ or a 100 kΩ
resistor, or it is left open-circuited (three-state). The output stage
is illustrated in Figure 41.
Figure 41. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC registers
are unaffected when in power-down. The DAC registers can be
updated while the device is in power-down mode. The time
required to exit power-down is typically 4.5 µs for VDD = 5 V.
Table 12. 24-Bit Input Shift Register Contents for Power-Down/Power-Up Operation1
DB23
DB22
DB21
DB20
DB19 to DB16
DB15
to
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDD1
PDD0
PDC1
PDC0
PDB1
PDB0
PDA1
PDA0
Command bits (C3 to C0)
Address bits
(don’t care)
Power-Down
Select DAC D
Power-Down
Select DAC C
Power-Down
Select DAC B
Power-Down
Select DAC A
1
X = don’t care.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com