Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5686 Datasheet HTML 19Page - Analog Devices AD5686 Datasheet HTML 20Page - Analog Devices AD5686 Datasheet HTML 21Page - Analog Devices AD5686 Datasheet HTML 22Page - Analog Devices AD5686 Datasheet HTML 23Page - Analog Devices AD5686 Datasheet HTML 24Page - Analog Devices AD5686 Datasheet HTML 25Page - Analog Devices AD5686 Datasheet HTML 26Page - Analog Devices AD5686 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD5686/AD5684
Rev. A | Page 23 of 28
HARDWARE RESET (RESET)
RESET is an active low reset that allows the outputs to be
cleared to either zero scale or midscale. The clear code value is
user selectable via the RESET select pin. It is necessary to
keep RESET low for a minimum of 30 ns to complete the
operation (see Figure 2). When the RESET signal is returned
high, the output remains at the cleared value until a new value
is programmed. The outputs cannot be updated with a new
value while the RESET pin is low. There is also a software
executable reset function that resets the DAC to the power-
on reset code. Command 0110 is designated for this software
reset function (see Table 8). Any events on LDAC or RESET
during power-on reset are ignored.
RESET SELECT PIN (RSTSEL)
The AD5686/AD5684 contain a power-on reset circuit that
controls the output voltage during power-up. By connecting
the RSTSEL pin low, the output powers up to zero scale. Note
that this is outside the linear region of the DAC. By connecting
the RSTSEL pin high, VOUT powers up to midscale. The output
remains powered up at this level until a valid write sequence
is made to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com