Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5686 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5686
Description  Quad, 16-/12-Bit nanoDAC with SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5686 Datasheet HTML 7Page - Analog Devices AD5686 Datasheet HTML 8Page - Analog Devices AD5686 Datasheet HTML 9Page - Analog Devices AD5686 Datasheet HTML 10Page - Analog Devices AD5686 Datasheet HTML 11Page - Analog Devices AD5686 Datasheet HTML 12Page - Analog Devices AD5686 Datasheet HTML 13Page - Analog Devices AD5686 Datasheet HTML 14Page - Analog Devices AD5686 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD5686/AD5684
Rev. A | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. AD5686 INL
Figure 9. AD5684 INL
Figure 10. AD5686 DNL
Figure 11. AD5684 DNL
Figure 12. INL Error and DNL Error vs. Temperature
Figure 13. INL Error and DNL Error vs. VREF
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
8
6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
10000
20000
30000
40000
50000
60000
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
625
1250
1875
2500
3125
3750 4096
CODE
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
110
60
10
TEMPERATURE (°C)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V
10
–10
–8
–6
–4
–2
0
2
4
6
8
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VREF (V)
INL
DNL
VDD = 5V
TA = 25°C
REFERENCE = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com