Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTCE8M00G52-R0 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE8M00G52-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE8M00G52-R0 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE8M00G52-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE8M00G52-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
9
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2
Principles of CERALOCK®
2
2. Basic Oscillation Circuits
Generally, basic oscillation circuits can be grouped into
the following 3 categories.
① Use of positive feedback
② Use of negative resistance element
③ Use of delay in transfer time or phase
In the case of ceramic resonators, quartz crystal
oscillators, and LC oscillators, positive feedback is the
circuit of choice.
Among the positive feedback oscillation circuit using an
LC, the tuning type anti-coupling oscillation circuit,
Colpitts and Hartley circuits are typically used.
See Fig. 2-6.
In Fig. 2-6, a transistor, which is the most basic
amplifier, is used.
The oscillation frequencies are approximately the same
as the resonance frequency of the circuit consisting of L,
CL1 and CL2 in the Colpitts circuit or consisting of L1
and L2 in the Hartley circuit. These frequencies can be
represented by the following formulas. (Refer to Note 3
on page 11.)
In an LC network, the inductor is replaced by a ceramic
resonator, taking advantage of the fact that the
resonator becomes inductive between resonant and anti-
resonant frequencies.
This is most commonly used in the Colpitts circuit.
The operating principle of these oscillation circuits can
be seen in Fig. 2-7. Oscillation occurs when the
following conditions are satisfied.
Loop Gain G = α・β ≧ 1
Phase Amount
(2-6)
θ = θ 1 + θ 2 = 360°×n (n = 1, 2,…)
In Colpitts circuit, an inverter of θ 1 = 180° is used, and
it is inverted more than θ 2 = 180° with L and C in the
feedback circuit. The operation with a ceramic resonator
can be considered the same.
CL1
CL2
L
L1
L2
C
fosc. =
(Hartley Circuit)
1
fosc. =
(Colpitts Circuit)
1
CL1 · CL2
CL1 + CL2
(2-4)
(2-5)
Fig. 2-6 Basic Configuration of LC Oscillation Circuit
Amplifier
1
Feedback Circuit
Feedback Ratio :
Phase Shift : 2
Fig. 2-7 Principle of Oscillation
Colpitts Circuit
Hartley Circuit
Oscillation Conditions
Loop Gain G=
α·β ≧ 1
Phase Shift
θ = θ1+ θ2=360°×n
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com